công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEFME-101 bảng dữ liệu(PDF) 27 Page - ITT Industries

tên linh kiện DEFME-101
Giải thích chi tiết về linh kiện  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DEFME-101 bảng dữ liệu(HTML) 27 Page - ITT Industries

Back Button DEFME-101 Datasheet HTML 20Page - ITT Industries DEFME-101 Datasheet HTML 21Page - ITT Industries DEFME-101 Datasheet HTML 22Page - ITT Industries DEFME-101 Datasheet HTML 23Page - ITT Industries DEFME-101 Datasheet HTML 24Page - ITT Industries DEFME-101 Datasheet HTML 25Page - ITT Industries DEFME-101 Datasheet HTML 26Page - ITT Industries DEFME-101 Datasheet HTML 27Page - ITT Industries DEFME-101 Datasheet HTML 28Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
D
www.ittcannon.com/micro
D-Subminiature Connectors
Rack and Panel Connectors
Microminiature Connectors
Circular/Filter/Hermetic/Fiber Optic Connectors
Initially pioneered by Cannon during the 1930s, Interconnect
Solutions is the world leader in rack and panel connectors, offering
unmatched variety of shell configurations and insert arrangements,
materials, plating, and contact options. Many of our standard and
custom designs meet the stringent requirements of ARINC 600,
ARINC 404 (MIL-C-81659), and MIL-DTL-83733 standards.
As a world leader in circular, filter, and hermetic connectors, ITT can
leverage its design and manufacturing expertise to fit virtually any
application. Our expertise includes fast positive mating for a wide
range of military applications, as well as numerous sizes and
contact configurations for various harsh environments. Our wide
variety of fiber optic products include hybrid contacts, multi-channel,
rack and panel, and hi-rel assemblies, including MIL and ARINC
standard solutions.ITT can meet numerous specs, including
NATO and MIL standards.
Cannon invented D-sub connectors in 1952. Our family
of D-Subs now includes combinations of signal, power and RF, as
well as severe service sealed connectors. Cannon D-Subs are
available with an extensive line of backshells and accessories and
are one of the most economical shielded connector solutions
available. ITT D-Sub connectors are qualified to the MIL-DTL-
24308 specification.
Developed first by Cannon in the 1960’ s, Interconnect Solutions
microminiature connectors offer high performance and reliability
with exceptional versatility. Available in rectangular, circular,
and strip configurations for countless applications, many of our
connectors meet or exceed applicable requirements of the MIL-
DTL-83513 specification.
www.ittcannon.com/rackandpanel
RF Connectors
ITT Interconnect Solutions has been providing interconnect
products to the Microwave and RF industry since 1963 (formerly
The Sealectro Corporation). The RF 50 & 75 Ohm product lines
cover UHF band through Ku band requirements. These connectors
and cable assemblies are available with a thread type, snap type,
bayonet type or slide on coupling method. The frequencies range
from DC to 18+ GHz.
www.ittcannon.com/RF50 • www.ittcannon.com/RF75
www.ittcannon.com/circulars • www.ittcannon.com/filter • www.ittcannon.com/hermetics • www.ittcannon.com/fiberoptics
www.ittcannon.com/dsubs
Transportation
The ITT ICS interconnect range includes sealed circular and rectangular
connectors in metal or plastic shells. These configurations include board to
cable or cable to cable/ bulkhead applications. Both signal and power con-
tacts can be combined in various layouts. All product lines within the
Transportation segment offer very low contact resistance providing maxi-
mum signal integrity.
www.ittcannon.com/transportation
ITT Interconnect Solutions is an international manufacturer and supplier of connectors
including circular, rectangular, fiber optic, RF, power and high voltage, audio, PMCIA,
Compact Flash Card, enclosures, cable assemblies, and application specific custom
solutions. The Interconnect Solutions portfolio includes the brands Cannon, VEAM, and
BIW. As a worldwide leader in connector technology for nearly a century, ITT offers one
of the broadest product offerings, six sigma manufacturing capability, Value Based
Product Development with exceptional engineering capability, and an extensive sales,
distribution, and customer support network.
D sub:Layout 1
3/24/09
12:37 PM
Page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com