công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEFME-101 bảng dữ liệu(PDF) 26 Page - ITT Industries

tên linh kiện DEFME-101
Giải thích chi tiết về linh kiện  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DEFME-101 bảng dữ liệu(HTML) 26 Page - ITT Industries

Back Button DEFME-101 Datasheet HTML 20Page - ITT Industries DEFME-101 Datasheet HTML 21Page - ITT Industries DEFME-101 Datasheet HTML 22Page - ITT Industries DEFME-101 Datasheet HTML 23Page - ITT Industries DEFME-101 Datasheet HTML 24Page - ITT Industries DEFME-101 Datasheet HTML 25Page - ITT Industries DEFME-101 Datasheet HTML 26Page - ITT Industries DEFME-101 Datasheet HTML 27Page - ITT Industries DEFME-101 Datasheet HTML 28Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
24
www.ittcannon.com
Product Safety and Warranty
1
1.. M
MA
AT
TE
ER
RIIA
ALL C
CO
ON
NT
TE
EN
NT
T A
AN
ND
D P
PH
HY
YS
SIIC
CA
ALL
FFO
OR
RM
M
Electrical connectors do not usually contain
hazardous materials. They contain conduct-
ing and non-conducting materials and can
be divided into two groups.
a) Printed circuit types and low cost audio
types which employ all plastic insulators and
casings.
b) Rugged, Fire Barrier and High Reliability
types with metal casings and either natural
rubber, synthetic rubber, plastic or glass
insulating materials. Contact materials vary
with type of connector and also application
and are usually manufactured from either:
Copper, copper alloys, nickel, alumel,
chromel or steel. In special applications,
other alloys may be specified.
2
2.. FFIIR
RE
E C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S A
AN
ND
D E
ELLE
EC
CT
TR
RIIC
C
S
SH
HO
OC
CK
K H
HA
AZ
ZA
AR
RD
D
T
Th
he
erre
e iiss n
no
o ffiirre
e h
ha
azza
arrd
d w
wh
he
en
n tth
he
e cco
on
nn
ne
ecc--
tto
orr iiss cco
orrrre
eccttllyy w
wiirre
ed
d a
an
nd
d u
usse
ed
d w
wiitth
hiin
n tth
he
e
ssp
pe
ecciiffiie
ed
d p
pa
arra
am
me
ette
errss.. IIn
ncco
orrrre
ecctt w
wiirriin
ng
g o
orr
a
asssse
em
mb
bllyy o
off tth
he
e cco
on
nn
ne
ecctto
orr o
orr cca
arre
elle
essss u
usse
e
o
off m
me
etta
all tto
oo
ollss o
orr cco
on
nd
du
uccttiivve
e ffllu
uiid
dss,, o
orr
ttrra
an
nssiitt d
da
am
ma
ag
ge
e tto
o a
an
nyy o
off tth
he
e cco
om
mp
po
on
ne
en
ntt
p
pa
arrttss m
ma
ayy cca
au
usse
e e
elle
eccttrriicc ssh
ho
occk
k o
orr b
bu
urrn
nss..
LLiivve
e cciirrccu
uiittss m
mu
usstt n
no
ott b
be
e b
brro
ok
ke
en
n b
byy sse
ep
pa
a--
rra
attiin
ng
g m
ma
atte
ed
d cco
on
nn
ne
ecctto
orrss a
ass tth
hiiss m
ma
ayy
cca
au
usse
e a
arrcciin
ng
g,, iio
on
niizza
attiio
on
n a
an
nd
d b
bu
urrn
niin
ng
g.. Heat
dissipation is greater at maximum resistance
in a circuit. Hot spots may occur when resist-
ance is raised locally by damage, e.g. cracked
or deformed contacts, broken strands of
wire. Local overheating may also result from
the use of the incorrect application tools or
from poor quality soldering or slack screw
terminals. Overheating may occur if the rat-
ings in the product Data Sheet/Catalog are
exceeded and can cause breakdown of insu-
lation and hence electric shock. If heating is
allowed to continue it intensifies by further
increasing the local resistance through loss
of temper of spring contacts, formation of
oxide film on contacts and wires and leakage
currents through carbonization of insulation
and tracking paths. Fire can then result in
the presence of combustible materials and
this may release noxious fumes. Overheating
may not be visually apparent. Burns may
result from touching overheated compo-
nents.
3
3.. H
HA
AN
ND
DLLIIN
NG
G
Care must be taken to avoid damage
to any component parts of electrical connec-
tors during installation and use. Although
there are normally no sharp edges, care
must be taken when handling certain com-
ponents to avoid injury to fingers. Electrical
connectors may be damaged in transit to the
customers, and damage may result in cre-
ation of hazards. Products should therefore
be examined prior to installation/use and
rejected if found to be damaged.
4
4.. D
DIIS
SP
PO
OS
SA
ALL
Incineration of certain materials may release
noxious or even toxic fumes.
5
5.. A
AP
PP
PLLIIC
CA
AT
TIIO
ON
N
Connectors with exposed contacts should
not be selected for use on the current supply
side of an electrical circuit, because an elec-
tric shock could result from touching
exposed contacts on an unmated connector.
Voltages in excess of 30 V ac or 42.5 V dc are
potentially hazardous and care should be
taken to ensure that such voltages cannot be
transmitted in any way to exposed metal
parts of the connector body. The connector
and wiring should be checked, before mak-
ing live, to have no damage to metal parts or
insulators, no solder blobs, loose strands,
conducting lubricants, swarf, or any other
undesired conducting particles. Circuit
resistance and continuity check should be
made to make certain that there are no high
resistance joints or spurious conducting
paths. Always use the correct application
tools as specified in the Data Sheet/Catalog.
Do not permit untrained personnel to wire,
assemble or tamper with connectors. For
operation voltage please see appropriate
national regulations.
IIM
MP
PO
OR
RT
TA
AN
NT
T G
GE
EN
NE
ER
RA
ALL IIN
NFFO
OR
RM
MA
AT
TIIO
ON
N
((ii)) A
Aiirr a
an
nd
d ccrre
ee
ep
pa
ag
ge
e p
pa
atth
hss//O
Op
pe
erra
attiin
ng
g vvo
olltt--
a
ag
ge
e.. The admissible operating voltages
depend on the individual applications and
the valid national and other applicable safe-
ty regulations.
For this reason the air and creepage path
data are only reference values. Observe
reduction of air and creepage paths due to
PC board and/or harnessing.
((iiii)) T
Te
em
mp
pe
erra
attu
urre
e
All information given are temperature limits.
The operation temperature depends on the
individual application.
((iiiiii)) O
Otth
he
err iim
mp
po
orrtta
an
ntt iin
nffo
orrm
ma
attiio
on
n
Cannon continuously endeavors to improve
their products. Therefore, Cannon products
may deviate from the description, technical
data and shape as shown in this catalog and
data sheets.
ITT Interconnect Solutions, a Division of ITT
Corporation manufactures the highest qual-
ity products available in the marketplace;
however these products are intended to be
used in accordance with the specifications in
this publication. Any use or application that
deviates from the stated operating specifica-
tions is not recommended and may be
unsafe. No information and data contained
in this publication shall be construed to cre-
ate any liability on the part of Cannon. Any
new issue of this publication shall automati-
cally invalidate and supersede any and all
previous issues.
P
Prro
od
du
ucctt W
Wa
arrrra
an
nttyy
A limited warranty applies to Cannon prod-
ucts. In general, except for obligations
assumed by Cannon under this warranty,
Cannon shall not be liable for any loss, dam-
age, cost of repairs, incidental or consequen-
tial damages of any kind, whether or not
based on express or implied warranty, con-
tract, negligence or strict liability arising in
connection with the design, manufacture,
sale, use or repair of the products. Product
availability, prices and delivery dates are
exclusively subject to our respective order
confirmation form; the same applies to
orders based on development samples deliv-
ered. Please refer to www.ittcannon.com
(General Terms of Sale) for the complete text
of
Cannon’s
applicable
Terms
and
Conditions, including Warranty.
This publication is not to be construed as an
offer. It is intended merely as an invitation to
make an offer. By this publication, Cannon
does not assume responsibility or any liabili-
ty for any patent infringements or other
rights of third parties which may result from
its use.
Reprinting this publication is generally per-
mitted, indicating the source. However,
Cannon's prior consent must be obtained in
all cases. “Engineered for life” is a registered
trademark of ITT Corporation ©2006. All
other trademarks or registered trademarks
are property of their respective owners. All
dates subject to change without notice.
Commodities in this catalog may be
controlled for export by the International
Traffic in Arms Regulations (ITAR) and Export
Administration Regulations (EAR) when
specifically designed modified, or configured
for articles controlled by the United States
Government.
D sub:Layout 1
3/24/09
12:37 PM
Page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com