công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEFME-101 bảng dữ liệu(PDF) 24 Page - ITT Industries

tên linh kiện DEFME-101
Giải thích chi tiết về linh kiện  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DEFME-101 bảng dữ liệu(HTML) 24 Page - ITT Industries

Back Button DEFME-101 Datasheet HTML 20Page - ITT Industries DEFME-101 Datasheet HTML 21Page - ITT Industries DEFME-101 Datasheet HTML 22Page - ITT Industries DEFME-101 Datasheet HTML 23Page - ITT Industries DEFME-101 Datasheet HTML 24Page - ITT Industries DEFME-101 Datasheet HTML 25Page - ITT Industries DEFME-101 Datasheet HTML 26Page - ITT Industries DEFME-101 Datasheet HTML 27Page - ITT Industries DEFME-101 Datasheet HTML 28Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
D Cannon D-Subminiature Accessories
22
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
RAISED GATE MARK
R. TYP.
B
A
B
D
6,35 (.250)
C
1,02
.04 WALL TYP.
ITT CANNON
XX-XX-XX
10˚ TYP.
0,79 + 0,38 - 0.00
(.031 + .015 - .000)
B
A
ø 0,91 +_ 0,18
(.036 +_ .007)
DIA. TYP.
+
+
3,25 (.128) DIA.
4,70 (.185)
0,76 (.030)
15,20
(.600)
Potting Shell
I.D.
AB
C
D
DE-59-20BA
DE-59-20RC
Socket
20,32 (.800)
11,43 (.450)
16,36 (.644)
7,59 (2.99)
DA-59-20BA
DA-59-20RC
Socket 28,45 (1.120)
11,68 (.460)
24,59 (.968)
7,62 (.300)
DB-59-20BA
DB-59-20RC
Socket 42,42 (1.670)
11,68 (.460)
38,25 (1.506)
7,49 (.295)
DC-59-20BA
DC-59-20RC
Socket 58,93 (2.320)
11,68 (.460)
54,81 (2.158)
7,37 (.290)
DD-59-20BA
DD-59-20RC
Socket 56,90 (2.240)
14,48 (.570)
53,11 (2.091)
10,41 (.410)
DE-60-20BA
DE-60-20RC
Pin
21,84 (.860)
12,95 (5.10)
17,78 (.700)
8,92 (.351)
DA-60-20BA
DA-60-20RC
Pin
30,48 (1.200)
12,95 (.510)
26,52 (1.044)
9,02 (.355)
DB-60-20BA
DB-60-20RC
PIn
44,20 (1.740)
13,46 (.530)
39,60 (1.559)
9,09 (.358)
DC-60-20BA
DC-60-20RC
Pin
60,71 (2.390)
13,46 (.530)
56,90 (2.240)
9,37 (.369)
DD-60-20BA
DD-60-20RC
Pin
58,17 (2.290)
16.00 (.630)
54,28 (2.137)
12.04 (.474)
Dust Cap
Interfacial Seal
Dust caps provide protection from moisture
and dust for unused I/O ports.
Product Features
• Dust Caps meet the static decay test
requirements of MIL-B- 81705C, Type II.
• Dust Caps have an integral flange for easy
application and removal
Interfacial seals provide moisture resistance at the
mating interface.
Product Features
• Other Interfacial Seals in the Combo D®
layouts are available upon request.
Materials and Finishes
Material:
Polyethylene
Material:
Silastic Sheet
Potting shells are molded with a thin flange 0,76
(.030) to permit the use of D Subminiature
locking devices.
Materials and Finishes
Material:
Nylon
Color:
Natural (white)
NOTE: C dim. applies at point of maximum Integral interface length. Drawing shown for Black Anti-static caps.
Dimensions shown are reference only.
Shell Size
Layout
Part Number
AB
DE
9
DE53750
16,66 (.656)
8,41 (.331)
DA
15
DA53750-1
24,99 (.984)
8,41 (.331)
DB
25
DB53750-2
38,88 1.531)
8,41 (.331)
DC
37
DC53750-3
55,14 (2.171)
8,41 (.331)
DD
50
DD53750-4
52,78 (2.078)
11,10 (.437)
DC
21WA4
075-0354-003
55,14 (2.171)
8,41 (.331)
DE
15
273-0333-000
16,66 (.656)
8,41 (.331)
DA
26
273-0334-000
24,99 (.984)
8,41 (.331)
DB
44
273-0335-000
38,88 1.531)
8,41 (.331)
DC
62
273-0336-000
55,14 (2.171)
8,41 (.331)
DD
78
273-0337-000
52,78 (2.078)
11,10 (.437)
Shell Size
Layout
Part Number
DE
9
DE50904-1
DA
15
DA50905-1
DB
25
DB50906-1
DC
37
DC50907-1
DD
50
DD50908-1
Miscellaneous
Black Antistatic
(Surface Resistivity
<1x105 ohm/sq)
(Surface Resistivity
105-1012 ohm/sq)
Red Caps
D sub:Layout 1
4/10/09
11:43 AM
Page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com