| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C1 bảng dữ liệu(PDF) 261 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 bảng dữ liệu(HTML) 261 Page - Altera Corporation |
|
261 / 274 page ![]() Chapter 11: SEU Mitigation in the Cyclone III Device Family 11–9 Software Support December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 Table 11–7 lists the name of the WYSIWYG atom for Cyclone III device family. 1 To enable the cycloneiii_crcblock primitive in version 8.0 SP1 or earlier of the Quartus II software, turn on the error detection CRC feature in the Device and Pins Options dialog box. This is not required when you are using version 8.1 and later of the Quartus II software. Example 11–1 shows an example of how to define the input and output ports of a WYSIWYG atom in a Cyclone III LS device. Table 11–8 lists the input and output ports that must be included in the atom. The input and output ports of the atoms for Cyclone III device family are similar, except for the cyclecomplete port which is for Cyclone III LS devices only. Table 11–7. WYSIWYG Atoms Device WYSIWYG Atom Cyclone III cycloneiii_crcblock Cyclone III LS cycloneiiils_crcblock Example 11–1. Error Detection Block Diagram cycloneiiils_crcblock<crcblock_name> ( .clk(<clock source>), .shiftnld(<shiftnld source>), .ldsrc(<ldsrc source>), .crcerror(<crcerror out destination>), .regout(<output destination>), .cyclecomplete(<cyclecomplete destination>), ); Table 11–8. CRC Block Input and Output Ports (Part 1 of 2) Port Input/Output Definition <crcblock_name> Input Unique identifier for the CRC block, and represents any identifier name that is legal for the given description language (For example Verilog HDL, VHDL, AHDL). This field is required. .clk(<clock source> Input This signal designates the clock input of this cell. All operations of this cell are with respect to the rising edge of the clock. Whether it is the loading of the data into the cell or data out of the cell, it always occurs on the rising edge. This port is required. .shiftnld (<shiftnld source>) Input This signal is an input into the error detection block. If shiftnld=1, the data is shifted from the internal shift register to the regout at each rising edge of clk. If shiftnld=0, the shift register parallel loads either the pre-calculated CRC value or the update register contents depending on the ldsrc port input. This port is required. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |