công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 260 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 260 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 256Page - Altera Corporation PLL2_C1 Datasheet HTML 257Page - Altera Corporation PLL2_C1 Datasheet HTML 258Page - Altera Corporation PLL2_C1 Datasheet HTML 259Page - Altera Corporation PLL2_C1 Datasheet HTML 260Page - Altera Corporation PLL2_C1 Datasheet HTML 261Page - Altera Corporation PLL2_C1 Datasheet HTML 262Page - Altera Corporation PLL2_C1 Datasheet HTML 263Page - Altera Corporation PLL2_C1 Datasheet HTML 264Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 274 page
background image
11–8
Chapter 11: SEU Mitigation in the Cyclone III Device Family
Software Support
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
1 For Cyclone III LS devices, the “Enable Open Drain on CRC Error Pin” option is not
available because the Quartus II software sets the CRC_ERROR pin for the Cyclone III LS
device as open drain output by default.
Accessing Error Detection Block Through User Logic
The error detection circuit stores the computed 32-bit CRC signature in a 32-bit
register. This signature is read out by user logic from the core. The
<device>_crcblock
primitive is a WYSIWYG component used to establish the
interface from user logic to the error detection circuit. The <device>_crcblock
primitive atom contains the input and output ports that must be included in the atom.
To access the logic array, the <device>_crcblock WYSIWYG atom must be
inserted into your design.
Figure 11–3 shows the error detection block diagram in FPGA devices and shows the
interface that the WYSIWYG atom enables in your design.
1 The user logic is affected by the soft error failure, thus reading out the 32-bit CRC
signature through the regout should not be relied upon to detect a soft error. You
should rely on the CRC_ERROR output signal itself, because this CRC_ERROR output
signal cannot be affected by a soft error.
To enable the <device>_crcblock WYSIWYG atom, you must name the atom for each
Cyclone III device family accordingly.
Figure 11–3. Error Detection Block Diagram
Clock Divider
(1 to 256 Factor)
Pre-Computed CRC
(Saved in the Option Register)
CRC
Computation
Error Detection
Logic
SRAM
Bits
CRC_ERROR
(Shown in BIDIR Mode)
VCC
Logic Array
80MHz Internal Chip Oscillator
cyclecomplete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com