công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 258 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 258 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 254Page - Altera Corporation PLL2_C1 Datasheet HTML 255Page - Altera Corporation PLL2_C1 Datasheet HTML 256Page - Altera Corporation PLL2_C1 Datasheet HTML 257Page - Altera Corporation PLL2_C1 Datasheet HTML 258Page - Altera Corporation PLL2_C1 Datasheet HTML 259Page - Altera Corporation PLL2_C1 Datasheet HTML 260Page - Altera Corporation PLL2_C1 Datasheet HTML 261Page - Altera Corporation PLL2_C1 Datasheet HTML 262Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 274 page
background image
11–6
Chapter 11: SEU Mitigation in the Cyclone III Device Family
Error Detection Timing
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Table 11–5 lists the minimum and maximum error detection frequencies.
You can set a lower clock frequency by specifying a division factor in the Quartus II
software (for more information, refer to “Software Support” on page 11–7). The
divisor is a power of two (2), where n is between 0 and 8. The divisor ranges from one
through 256. Refer to Equation 11–1.
CRC calculation time depends on the device and the error detection clock frequency.
Table 11–6 lists the estimated time for each CRC calculation with minimum and
maximum clock frequencies for Cyclone III device family.
Table 11–5. Minimum and Maximum Error Detection Frequencies
Device Type
Error
Detection
Frequency
Maximum Error
Detection
Frequency
Minimum Error
Detection
Frequency
Valid Divisors (2)
Cyclone III
device family
80 MHz/2n
80 MHz
312.5 kHz
0, 1, 2, 3, 4, 5, 6, 7, 8
Equation 11–1. Error Detection Frequency
Table 11–6. CRC Calculation Time
Device
Minimum Time (ms) (1)
Maximum Time (s)
(2)
Cyclone III
EP3C5
5
2.29
EP3C10
5
2.29
EP3C16
7
3.17
EP3C25
9
4.51
EP3C40
15
7.48
EP3C55
23
11.77
EP3C80
31
15.81
EP3C120
45
22.67
Cyclone III LS
EP3CLS70
42
21.24
EP3CLS100
42
21.24
EP3CLS150
79
40.27
EP3CLS200
79
40.27
Notes to Table 11–6:
(1) The minimum time corresponds to the maximum error detection clock frequency and may vary with different
processes, voltages, and temperatures (PVT).
(2) The maximum time corresponds to the minimum error detection clock frequency and may vary with different PVT.
Error detection frequency
80 MHz
2
n
---------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com