công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 100 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 100 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 96Page - Altera Corporation PLL2_C1 Datasheet HTML 97Page - Altera Corporation PLL2_C1 Datasheet HTML 98Page - Altera Corporation PLL2_C1 Datasheet HTML 99Page - Altera Corporation PLL2_C1 Datasheet HTML 100Page - Altera Corporation PLL2_C1 Datasheet HTML 101Page - Altera Corporation PLL2_C1 Datasheet HTML 102Page - Altera Corporation PLL2_C1 Datasheet HTML 103Page - Altera Corporation PLL2_C1 Datasheet HTML 104Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 274 page
background image
6–2
Chapter 6: I/O Features in the Cyclone III Device Family
I/O Element Features
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Figure 6–1 shows the Cyclone III device family IOE structure.
I/O Element Features
The Cyclone III device family IOE offers a range of programmable features for an I/O
pin. These features increase the flexibility of I/O utilization and provide an
alternative to reduce the usage of external discrete components to on-chip, such as a
pull-up resistor and a diode.
Programmable Current Strength
The output buffer for each Cyclone III device family I/O pin has a programmable
current strength control for certain I/O standards.
The LVTTL, LVCMOS, SSTL-2 Class I and Class II, SSTL-18 Class I and Class II,
HSTL-18 Class I
and Class II, HSTL-15 Class I and Class II, and HSTL-12 Class I
and Class II I/O standards have several levels of current strength that you can
control.
Figure 6–1. Cyclone III Device Family IOE in a Bidirectional I/O Configuration
D
Q
ENA
D
Q
ENA
VCCIO
VCCIO
Optional
PCI Clamp
Programmable
Pull-Up
Resistor
Bus Hold
Input Pin to
Input Register
Delay
or Input Pin to
Logic Array
Delay
Output
Pin Delay
clkin
oe_in
data_in0
data_in1
sclr/
preset
Chip-Wide Reset
aclr/prn
oe_out
clkout
OE
OE Register
Current Strength Control
Open-Drain Out
Column
or Row
Interconnect
io_clk[5..0]
Slew Rate Control
ACLR
/PRN
ACLR
/PRN
Output Register
D
Q
ENA
ACLR
/PRN
Input Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com