| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C1 bảng dữ liệu(PDF) 240 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 bảng dữ liệu(HTML) 240 Page - Altera Corporation |
|
240 / 274 page ![]() 9–82 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Remote System Upgrade Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 The control register bit positions are shown in Figure 9–36 and listed in Table 9–27. In the figure, the numbers show the bit position of a setting in a register. For example, bit number 35 is the enable bit for the watchdog timer. When enabled, the early CONF_DONE check (Cd_early) option bit ensures that there is a valid configuration at the boot address specified by the factory configuration and that it is of the proper size. If an invalid configuration is detected or CONF_DONE pin is asserted too early, the device resets and then reconfigures the factory configuration image. The internal oscillator, as startup state machine clock (Osc_int) option bit, ensures a functional startup clock to eliminate the hanging of startup when enabled. When all option bits are turned on, they provide complete coverage for the programming and startup portions of the application configuration. It is strongly recommended that you turn on both the Cd_early and Osc_int option bits. 1 The Cd_early and Osc_int option bits for the application configuration must be turned on by the factory configuration. Remote System Upgrade Status Register The remote system upgrade status register specifies the reconfiguration trigger condition. The various trigger and error conditions include: ■ Cyclical redundancy check (CRC) error during application configuration ■ nSTATUS assertion by an external device due to an error Figure 9–36. Remote System Upgrade Control Register Rsv2 Cd_early Osc_int Wd_en Rsv1 Ru_address[21..0] Wd_timer[11.. 38 37 36 35 34 33 12 11 0 Table 9–27. Remote System Upgrade Control Register Contents Control Register Bit Value Definition Wd_timer[11..0] 12'b000000000000 User watchdog time-out value (most significant 12 bits of 29-bit count value: {Wd_timer[11..0],17'b1000} ) Ru_address[21..0] 22'b0000000000000000000000 Configuration address (most significant 22 bits of 24-bit boot address value: boot_address[23:0] = {Ru_address[21..0],2'b0}) Rsv1 1'b0 Reserved bit Wd_en 1'b1 User watchdog timer enable bit Osc_int (1) 1’b1 Internal oscillator as startup state machine clock enable bit Cd_early (1) 1’b1 Early CONF_DONE check Rsv2 1'b1 Reserved bit Note to Table 9–27: (1) Option bit for the application configuration. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |