| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C1 bảng dữ liệu(PDF) 241 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 bảng dữ liệu(HTML) 241 Page - Altera Corporation |
|
241 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–83 Remote System Upgrade August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 ■ Cyclone III device family logic array triggered a reconfiguration cycle, possibly after downloading a new application configuration image ■ External configuration reset (nCONFIG) assertion ■ User watchdog timer time out Table 9–28 lists the contents of the current state logic in the status register, when the remote system upgrade master state machine is in factory configuration or application configuration accessing the factory information or application information respectively, and the MSEL pin setting is set to AS or AP configuration scheme. The status register bit in Table 9–28 lists the bit positions in a 32-bit logic. The previous two application configurations are available in the previous state registers (previous state register 1 and previous state register 2), but only for debugging purposes. Table 9–28. Remote System Upgrade Current State Logic Contents In Status Register (1) Current State Logic Status Register Bit Definition Description Factory information (2) 31:30 Master State Machine current state The current state of the RSU master state machine 29:24 Reserved bits Padding bits that are set to all 0's 23:0 Boot address The current 24-bit boot address that was used by the configuration scheme as the start address to load the current configuration. Application information part 1 (3) 31:30 Master State Machine current state The current state of the RSU master state machine 29 User watchdog timer enable bit The current state of the user watchdog enable, which is active high 28:0 User watchdog timer time-out value The current entire 29-bit watchdog time-out value Application information part 2 (3) 31:30 Master State Machine current state The current state of the RSU master state machine 29:24 Reserved bits Padding bits that are set to all 0’s 23:0 Boot address The current 24-bit boot address that was used by the configuration scheme as the start address to load the current configuration Notes to Table 9–28: (1) The MSEL pin setting is in the AS or AP configuration scheme. (2) The RSU master state machine is in factory configuration. (3) The RSU master state machine is in application configuration. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |