công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 236 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 236 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 232Page - Altera Corporation PLL2_C1 Datasheet HTML 233Page - Altera Corporation PLL2_C1 Datasheet HTML 234Page - Altera Corporation PLL2_C1 Datasheet HTML 235Page - Altera Corporation PLL2_C1 Datasheet HTML 236Page - Altera Corporation PLL2_C1 Datasheet HTML 237Page - Altera Corporation PLL2_C1 Datasheet HTML 238Page - Altera Corporation PLL2_C1 Datasheet HTML 239Page - Altera Corporation PLL2_C1 Datasheet HTML 240Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 274 page
background image
9–78
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Remote System Upgrade
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
The factory configuration image is user designed and contains soft logic (Nios II
processor or state machine and the remote communication interface) to:
■
Process any errors based on status information from the dedicated remote system
upgrade circuitry
■
Communicate with the remote host and receive new application configurations
and store the new configuration data in the local non-volatile memory device
■
Determine which application configuration is to be loaded into the Cyclone III
device family
■
Enable or disable the user watchdog timer and load its time-out value (optional)
■
Instruct the dedicated remote system upgrade circuitry to start a reconfiguration
cycle
Figure 9–34 shows the transitions between the factory and application configurations
in remote update mode.
After power up or a configuration error, the factory configuration logic writes the
remote system upgrade control register to specify the address of the application
configuration to be loaded. The factory configuration also specifies whether or not to
enable the user watchdog timer for the application configuration and, if enabled,
specifies the timer setting.
1 Only valid application configurations designed for remote update mode include the
logic to reset the timer in user mode. For more information about the user watchdog
timer, refer to “User Watchdog Timer” on page 9–85.
If there is an error while loading the application configuration, the remote system
upgrade status register is written by the dedicated remote system upgrade circuitry of
the Cyclone III device family, specifying the cause of the reconfiguration.
Figure 9–34. Transitions Between Configurations in Remote Update Mode
Set Control Register
and Reconfigure
Set Control Register
and Reconfigure
Reload a Different Application
Reload a Different Application
Application n
Configuration
Application 1
Configuration
Factory
Configuration
Configuration Error
Configuration Error
Power Up
Configuration
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com