| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PLL2_C1 bảng dữ liệu(PDF) 234 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C1 bảng dữ liệu(HTML) 234 Page - Altera Corporation |
|
234 / 274 page ![]() 9–76 Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family Remote System Upgrade Cyclone III Device Handbook August 2012 Altera Corporation Volume 1 Figure 9–33 shows the block diagrams to implement remote system upgrade with the AS and AP configuration schemes. 1 Remote system upgrade only supports single-device configuration. When using remote system upgrade in Cyclone III devices, you must set the mode select pins (MSEL [3.0]) to the AS or AP configuration scheme. When using remote system upgrade in Cyclone III LS devices, you must set MSEL [3..0] to the AS configuration scheme. The MSEL pin setting in remote system upgrade mode is the same as standard configuration mode. Standard configuration mode refers to normal Cyclone III device family configuration mode with no support for remote system upgrades, and the remote system upgrade circuitry is disabled. When using remote system upgrade in Cyclone III device family, you must enable the remote update mode option setting in the Quartus II software. For more information, refer to “Enabling Remote Update” on page 9–76. Enabling Remote Update You can enable or disable remote update for Cyclone III device family in the Quartus II software before design compilation (in the Compiler Settings menu). To enable remote update in the compiler settings of the project, perform the following steps in the Quartus II software: 1. On the Assignments menu, click Device. The Settings dialog box appears. 2. Click Device and Pin Options. The Device and Pin Options dialog box appears. 3. Click the Configuration tab. 4. From the Configuration Mode list, select Remote. 5. Click OK. 6. In the Settings dialog box, click OK. Figure 9–33. Remote System Upgrade Block Diagrams for AS and AP Configuration Schemes Cyclone III or Cyclone III LS Device Nios Processor or User Logic Serial Configuration Device Serial Configuration Device Cyclone III Device Nios Processor or User Logic Parallel Flash Memory Supported Parallel Flash |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |