công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLL2_C1 bảng dữ liệu(PDF) 231 Page - Altera Corporation

tên linh kiện PLL2_C1
Giải thích chi tiết về linh kiện  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 bảng dữ liệu(HTML) 231 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 227Page - Altera Corporation PLL2_C1 Datasheet HTML 228Page - Altera Corporation PLL2_C1 Datasheet HTML 229Page - Altera Corporation PLL2_C1 Datasheet HTML 230Page - Altera Corporation PLL2_C1 Datasheet HTML 231Page - Altera Corporation PLL2_C1 Datasheet HTML 232Page - Altera Corporation PLL2_C1 Datasheet HTML 233Page - Altera Corporation PLL2_C1 Datasheet HTML 234Page - Altera Corporation PLL2_C1 Datasheet HTML 235Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–73
Design Security
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
The Cyclone III LS design security feature provides routing architecture optimization
for design separation flow with the Quartus II software. Design separation flow
achieves both physical and functional isolation between design partitions.
f For more information about the design separation flow, refer to AN 567: Quartus II
Design Separation Flow.
You can carry out secure configuration in Steps 1–3, as shown in Figure 9–31:
1. Generate the encryption key programming file and encrypt the configuration data.
The Quartus II configuration software uses the user-defined 256-bit volatile keys
to generate a key programming file and an encrypted configuration file. The
encrypted configuration file is stored in an external memory, such as a flash
memory or a configuration device.
2. Program the volatile key into the Cyclone III LS device.
Program the user-defined 256-bit volatile keys into the Cyclone III LS device
through the JTAG interface.
3. Configure the Cyclone III LS device.
At system power-up, the external memory device sends the encrypted
configuration file to the Cyclone III LS device.
Available Security Modes
There are several security modes available on Cyclone III LS devices, they are:
■
Volatile Key
■
No Key Operation
■ FACTORY
Mode
Volatile Key
Secure operation with volatile key programmed and required external battery—this
mode accepts both encrypted and unencrypted configuration bitstreams. Use the
unencrypted configuration bitstream support for board-level testing only.
Figure 9–31. Cyclone III LS Secure Configuration Flow (1)
Note to Figure 9–31:
(1) Step 1, Step 2, and Step 3 correspond to the procedure detailed in “Cyclone III LS Design Security Solution”.
AES
Decryptor
FPGA
Volatile Key
Encrypted
Configuration
Data
Encryption Key
Programming File
Encrypted
Configuration
Data
Configuration
Data
Step 1. Generate the Encryption Key Programming File
Encrypt Configuration Data and Store in External Memory
Step 3. Configure the Cyclone III LS Device
Using Encrypted Configuration Data
Quartus II
Step 2. Program Volatile Key into
Cyclone III LS Device
Volatile Key
Volatile
Key Storage
Memory
Storage
Encrypted
Configuration
Data
AES
Encryptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com