công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LJT07R bảng dữ liệu(PDF) 40 Page - Amphenol Corporation

tên linh kiện LJT07R
Giải thích chi tiết về linh kiện  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R bảng dữ liệu(HTML) 40 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 36Page - Amphenol Corporation LJT07R Datasheet HTML 37Page - Amphenol Corporation LJT07R Datasheet HTML 38Page - Amphenol Corporation LJT07R Datasheet HTML 39Page - Amphenol Corporation LJT07R Datasheet HTML 40Page - Amphenol Corporation LJT07R Datasheet HTML 41Page - Amphenol Corporation LJT07R Datasheet HTML 42Page - Amphenol Corporation LJT07R Datasheet HTML 43Page - Amphenol Corporation LJT07R Datasheet HTML 44Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
38
LJT Breakaway Fail Safe
quick-disconnect with an axial pull
of lanyard
Amphenol LJT Breakaway Fail Safe Connectors provide
unequalled performance in environments requiring instant
disengagement.
Designed to provide quick disconnect of a connector plug
and receptacle with an axial pull on the lanyard, the
“Breakaway” Fail Safe connector family offers a wide range
of electrical and mechanical features:
•
Instant decoupling and damage free separation
•
Completely intermateable with standard LJT recep-
tacles
•
Inventory support commonality through the use of
standard insert arrangements and contacts
Breakaway un-mating is initiated by applying a pull force to
the lanyard which causes the operating sleeve on the plug
to move away from the receptacle. Coupling segments on
the plug then move away from the mating receptacle while
expanding, thus releasing the receptacle. After completion
of the un-mating sequence, spring compression returns the
sleeve and segments to their original positions. Un-mating
of the plug may also be accomplished by normal rotation of
the coupling ring without affecting the breakaway capabil-
ity.
The LJT Breakaway Fail Safe connector features which provide EMI/EMP shield-
ing in excess of MIL-DTL-38999 Series I requirements:
•
Solid metal-to-metal coupling
•
EMI grounding fingers
•
Conductive finishes
In addition to standard Breakaway connectors, Amphenol also manufactures
custom breakaway connectors including those with:
•
Increased pull-force capability
•
Custom lanyard lengths and backshells
•
Low force separation capabilities
•
Low insertion/separation force contacts
•
Non-cadmium finishes
•
Custom JT Series Breakaway designs have been developed for special
applications; however the LJT Series is recommended over the JT Series for
the quick-disconnect breakaway style.
Contact Amphenol Aerospace for more information on breakaway, quick-
disconnect connectors. Other Amphenol cylindrical families (MIL-DTL-38999
Series III, MIL-C-26482, MIL-C-83723) also offer breakaway quick-disconnect
connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com