công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

30F4013 bảng dữ liệu(PDF) 100 Page - Microchip Technology

tên linh kiện 30F4013
Giải thích chi tiết về linh kiện  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

30F4013 bảng dữ liệu(HTML) 100 Page - Microchip Technology

Back Button 30F4013 Datasheet HTML 96Page - Microchip Technology 30F4013 Datasheet HTML 97Page - Microchip Technology 30F4013 Datasheet HTML 98Page - Microchip Technology 30F4013 Datasheet HTML 99Page - Microchip Technology 30F4013 Datasheet HTML 100Page - Microchip Technology 30F4013 Datasheet HTML 101Page - Microchip Technology 30F4013 Datasheet HTML 102Page - Microchip Technology 30F4013 Datasheet HTML 103Page - Microchip Technology 30F4013 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 228 page
background image
dsPIC30F3014/4013
DS70138G-page 100
 2010 Microchip Technology Inc.
15.2
Framed SPI Support
The module supports a basic framed SPI protocol in
Master or Slave mode. The control bit, FRMEN,
enables framed SPI support and causes the SSx pin to
perform the Frame Synchronization pulse (FSYNC)
function. The control bit, SPIFSD, determines whether
the SSx pin is an input or an output (i.e., whether the
module receives or generates the Frame Synchroniza-
tion pulse). The frame pulse is an active-high pulse for
a single SPI clock cycle. When Frame Synchronization
is enabled, the data transmission starts only on the
subsequent transmit edge of the SPI clock.
FIGURE 15-1:
SPI BLOCK DIAGRAM
FIGURE 15-2:
SPI MASTER/SLAVE CONNECTION
Note: x = 1 or 2.
Read
Write
Internal
Data Bus
SDIx
SDOx
SSx
SCKx
SPIxSR
SPIxBUF
bit 0
Shift
Clock
Edge
Select
Enable Master Clock
SSx and
Control
Clock
Control
Transmit
SPIxBUF
Receive
FSYNC
FCY
Primary
1:1, 1:4,
Prescaler
Secondary
Prescaler
1:1-1:8
1:16, 1:64
Serial Input Buffer
(SPIxBUF)
Shift Register
(SPIxSR)
MSb
LSb
SDOx
SDIx
PROCESSOR 1
SCKx
SPI Master
Serial Input Buffer
(SPIyBUF)
Shift Register
(SPIySR)
LSb
MSb
SDIy
SDOy
PROCESSOR 2
SCKy
SPI Slave
Serial Clock
Note: x = 1 or 2, y = 1 or 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com