| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
33461 bảng dữ liệu(PDF) 18 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
33461 bảng dữ liệu(HTML) 18 Page - Tyco Electronics |
|
18 / 60 page ![]() SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 18 Ring Tongue Terminals (Continued) Wire Size Dimensions Material Circular Mils Stud Style L E C W Thickness Wire Barrel I.D. Min. Part Numbers [mm2] Size Max. Max. Max. Solistrand Solistrand C 1.956 1.529 .625 .875 .073 .444 36919* 1/2 49.68 38.84 15.88 22.23 1.85 11.28 M12 C 2.678 2.063 1.125 1.265 .073 .444 322291 1/0 68.02 52.40 28.58 32.13 1.85 11.28 83,700–119,500 5/8 C 2.678 2.063 1.125 1.265 .073 .444 320744 [42.4–60.6] M16 68.02 52.40 28.58 32.13 1.85 11.28 3/4 C 2.678 2.063 1.125 1.265 .073 .444 320748 68.02 52.40 28.58 32.13 1.85 11.28 C 1.930 1.550 .625 .926 .083 .504 321869 1/4 49.02 39.37 15.88 23.52 2.11 12.80 M6 C 2.000 1.545 .625 .946 .083 .504 36921 50.80 39.24 15.88 24.03 2.11 12.80 C 1.930 1.550 .625 .926 .083 .504 321870* 5/16 49.02 39.37 15.88 23.52 2.11 12.80 M8 C 2.000 1.545 .625 .946 .083 .504 36922 50.80 39.24 15.88 24.03 2.11 12.80 C 1.930 1.550 .625 .926 .083 .504 321871* 3/8 49.02 39.37 15.88 23.52 2.11 12.80 2/0 C 2.000 1.545 .625 .946 .083 .504 36923* 119,500–150,500 50.80 39.24 15.88 24.03 2.11 12.80 [60.6–76.3] 7/16 C 1.930 1.550 .625 .926 .083 .504 321872 49.02 39.37 15.88 23.52 2.11 12.80 C 1.930 1.550 .625 .926 .083 .504 321873* 49.02 39.37 15.88 23.52 2.11 12.80 1/2 C 2.000 1.545 .625 .946 .083 .504 36925* M12 50.80 39.24 15.88 24.03 2.11 12.80 C 2.671 2.056 1.125 1.270 .083 .504 322391 67.84 52.22 28.58 32.26 2.11 12.80 5/8 C 2.671 2.056 1.125 1.270 .083 .504 322224 M16 67.84 52.22 28.58 32.26 2.11 12.80 3/4 C 2.671 2.056 1.125 1.270 .083 .504 322225 67.84 52.22 28.58 32.26 2.11 12.80 1/4 B 2.112 1.622 .625 1.020 .094 .565 323868 53.64 41.20 15.88 25.91 2.39 14.35 B 2.112 1.622 .625 1.020 .094 .565 321874 5/16 53.64 41.20 15.88 25.91 2.39 14.35 M8 B 2.143 1.643 .625 1.082 .094 .565 320266 3/0 54.43 41.73 15.88 27.48 2.39 14.35 150,500–190,000 B 2.112 1.622 .625 1.020 .094 .565 321875* [76.3–96.3] 3/8 53.64 41.20 15.88 25.91 2.39 14.35 B 2.143 1.643 .625 1.082 .094 .565 36927* 54.43 41.73 15.88 27.48 2.39 14.35 7/16 B 2.112 1.622 .625 1.020 .094 .565 321876 53.64 41.20 15.88 25.91 2.39 14.35 *Part numbers are available in small quantity packages. Wire Size Range AWG 1/0 to 3/0, CMA 83,700 to 190,000 [42.4 to 96.3 mm2] Material Terminal Body — Copper per ASTM B-152 Plating — Tin per MIL-T-10727 C B |