công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ256GP710IPFES bảng dữ liệu(PDF) 80 Page - Microchip Technology

tên linh kiện DSPIC33FJ256GP710IPFES
Giải thích chi tiết về linh kiện  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710IPFES bảng dữ liệu(HTML) 80 Page - Microchip Technology

Back Button DSPIC33FJ256GP710IPFES Datasheet HTML 76Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 77Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 78Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 79Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 80Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 81Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 82Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 83Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
dsPIC33F
DS70155C-page 78
Preliminary
© 2005 Microchip Technology Inc.
Pin Diagrams (Continued)
80-Pin TQFP
20
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
50
49
48
47
46
45
44
41
17
18
19
1
57
56
55
54
53
52
51
60
59
58
43
42
EMUC2/OC1/RD0
IC4/RD11
IC2/RD9
IC1/RD8
IC3/RD10
VSS
OSC1/CLKIN/RC12
VDD
SCL1/RG2
U1RX/RF2
EMUD3/U1TX/RF3
EMUC1/SOSCO/T1CK/CN0/RC14
EMUD1/SOSCI/CN1/RC13
PWM4H/RE7
AN16/T2CK/T7CK/RC1
AN17/T3CK/T6CK/RC2
SCK2/CN8/RG6
SDI2/CN9/RG7
SDO2/CN10/RG8
MCLR
SS2/CN11/RG9
AN4/QEA/CN6/RB4
AN3/INDX/CN5/RB3
AN2/SS1/LVDIN/CN4/RB2
PGC/EMUC/AN1/CN3/RB1
PGD/EMUD/AN0/CN2/RB0
VSS
VDD
PWM3H/RE5
PWM4L/RE6
FLTB/INT2/RE9
FLTA/INT1/RE8
SDA1/RG3
SDI1/RF7
SDO1/RF8
AN5/QEB/CN7/RB5
OSC2/CLKO/RC15
EMUC3/SCK1/INT0/RF6
SDA2/INT4/RA15
SCL2/INT3/RA14
dsPIC33FJ128MC708*
*Device is marked with ‘PS’ designator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90