| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC33FJ256GP710IPFES bảng dữ liệu(PDF) 59 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ256GP710IPFES bảng dữ liệu(HTML) 59 Page - Microchip Technology |
|
59 / 90 page ![]() © 2005 Microchip Technology Inc. Preliminary DS70155C-page 57 dsPIC33F 13.0 dsPIC33F HARDWARE DEVELOPMENT BOARDS Microchip initially offers two hardware development boards that help you quickly prototype and validate key aspects of your design. Each board features various dsPIC33F peripherals and supports Microchip’s MPLAB In-Circuit Debugger (ICD 2) tool for cost- effective debugging and programming of the dsPIC33F devices. These two boards are shown in Table 13-1. Microchip plans to offer additional hardware development boards to support the dsPIC33F product family. Contact Microchip DSCD Marketing for additional information. TABLE 13-1: HARDWARE DEVELOPMENT BOARDS Development Tool Description Part # From General Purpose Development Board dsPICDEM™ 80-Pin Starter Development Board DM300019 Microchip Explorer 16 Development Board DM240001 Microchip Plug-in Sample (see Section 13.3 Plug-in Modules) PC board with 80-pin dsPIC30F6014A general purpose MCU sample; use with DM300019 development board. MA300014 Microchip PC board with 100-pin dsPIC33F MCU sample; use with DM240001 development board. MA330011 Microchip PC board with 100-pin dsPIC33F MCU sample; use with DM300019 development board. MA330012 Microchip Acoustic Accessory Kit (see Section 13.3 Plug-in Modules) Accessory Kit includes: audio cable, headset, oscillators, microphone, speaker, DB9 M/F RS-232 cable, DB9M-DB9M Null Modem Adapter and can be used for library evaluation. AC300030 Microchip |