công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33FJ256GP710IPFES bảng dữ liệu(PDF) 40 Page - Microchip Technology

tên linh kiện DSPIC33FJ256GP710IPFES
Giải thích chi tiết về linh kiện  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710IPFES bảng dữ liệu(HTML) 40 Page - Microchip Technology

Back Button DSPIC33FJ256GP710IPFES Datasheet HTML 36Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 37Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 38Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 39Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 40Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 41Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 42Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 43Page - Microchip Technology DSPIC33FJ256GP710IPFES Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
dsPIC33F
DS70155C-page 38
Preliminary
© 2005 Microchip Technology Inc.
TABLE 9-8:
COMPARE/SKIP INSTRUCTIONS
Assembly Syntax
Description
Words
Cycles
BTSC
f,#bit4
Bit test f, skip if clear
1
1 (2 or 3)
BTSC
Ws,#bit4
Bit test Ws, skip if clear
1
1 (2 or 3)
BTSS
f,#bit4
Bit test f, skip if set
1
1 (2 or 3)
BTSS
Ws,#bit4
Bit test Ws, skip if set
1
1 (2 or 3)
CP
f
Compare (f – WREG)
1
1
CP
Wb,#lit5
Compare (Wb – lit5)
1
1
CP
Wb,Ws
Compare (Wb – Ws)
1
1
CP0
f
Compare (f – 0x0000)
1
1
CP0
Ws
Compare (Ws – 0x0000)
1
1
CPB
f
Compare with Borrow (f – WREG – C)1
1
CPB
Wb,#lit5
Compare with Borrow (Wb – lit5 – C)1
1
CPB
Wb,Ws
Compare with Borrow (Wb – Ws – C)1
1
CPSEQ
Wb,Wn
Compare Wb with Wn, Skip if Equal (Wb = Wn)
1
1 (2 or 3)
CPSGT
Wb,Wn
Signed Compare Wb with Wn, Skip if Greater Than (Wb > Wn)
1
1 (2 or 3)
CPSLT
Wb,Wn
Signed Compare Wb with Wn, Skip if Less Than (Wb < Wn)
1
1 (2 or 3)
CPSNE
Wb,Wn
Signed Compare Wb with Wn, Skip if Not Equal (Wb
≠ Wn)
1
1 (2 or 3)
Note 1:
Bit positions are specified by bit4 (0:15) for word operations.
2:
Conditional skip instructions execute in 1 cycle if the skip is not taken, 2 cycles if the skip is taken over a
one-word instruction and 3 cycles if the skip is taken over a two-word instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90