công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F676-E/ST bảng dữ liệu(PDF) 46 Page - Microchip Technology

tên linh kiện PIC16F676-E/ST
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST bảng dữ liệu(HTML) 46 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 45Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 46Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 47Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 48Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 49Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
PIC16F630/676
DS40039F-page 46
 2010 Microchip Technology Inc.
TABLE 7-1:
TAD vs. DEVICE OPERATING FREQUENCIES
7.1.5
STARTING A CONVERSION
The A/D conversion is initiated by setting the
GO/DONE bit (ADCON0<1>). When the conversion is
complete, the A/D module:
• Clears the GO/DONE bit
• Sets the ADIF flag (PIR1<6>)
• Generates an interrupt (if enabled)
If the conversion must be aborted, the GO/DONE bit
can be cleared in software. The ADRESH:ADRESL
registers will not be updated with the partially complete
A/D
conversion
sample.
Instead,
the
ADRESH:ADRESL registers will retain the value of the
previous conversion. After an aborted conversion, a
2TAD delay is required before another acquisition can
be initiated. Following the delay, an input acquisition is
automatically started on the selected channel.
7.1.6
CONVERSION OUTPUT
The A/D conversion can be supplied in two formats: left
or right shifted. The ADFM bit (ADCON0<7>) controls
the output format. Figure 7-2 shows the output formats.
FIGURE 7-2:
10-BIT A/D RESULT FORMAT
A/D Clock Source (TAD)
Device Frequency
Operation
ADCS2:ADCS0
20 MHz
5 MHz
4 MHz
1.25 MHz
2 TOSC
000
100 ns(2)
400 ns(2)
500 ns(2)
1.6
s
4 TOSC
100
200 ns(2)
800 ns(2)
1.0
s(2)
3.2
s
8 TOSC
001
400 ns(2)
1.6
s2.0 s6.4 s
16 TOSC
101
800 ns(2)
3.2
s4.0 s
12.8
s(3)
32 TOSC
010
1.6
s6.4 s
8.0
s(3)
25.6
s(3)
64 TOSC
110
3.2
s
12.8
s(3)
16.0
s(3)
51.2
s(3)
A/D RC
x11
2 - 6
s(1,4)
2 - 6
s(1,4)
2 - 6
s(1,4)
2 - 6
s(1,4)
Legend: Shaded cells are outside of recommended range.
Note 1: The A/D RC source has a typical TAD time of 4
s for VDD > 3.0V.
2: These values violate the minimum required TAD time.
3: For faster conversion times, the selection of another clock source is recommended.
4: When the device frequency is greater than 1 MHz, the A/D RC clock source is only recommended if the
conversion will be performed during Sleep.
Note:
The GO/DONE bit should not be set in the
same instruction that turns on the A/D.
ADRESH
ADRESL
(ADFM = 0)MSB
LSB
bit 7bit 0
bit 7bit 0
10-bit A/D Result
Unimplemented: Read as ‘0’
(ADFM = 1)
MSB
LSB
bit 7bit 0
bit 7bit 0
Unimplemented: Read as ‘0’
10-bit A/D Result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com