công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F676-E/ST bảng dữ liệu(PDF) 29 Page - Microchip Technology

tên linh kiện PIC16F676-E/ST
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST bảng dữ liệu(HTML) 29 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 25Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 26Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 27Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 28Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 29Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 30Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 31Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 32Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 29
PIC16F630/676
REGISTER 3-5:
PORTC — PORTC REGISTER (ADDRESS: 07h)
REGISTER 3-6:
TRISC — PORTC TRI-STATE REGISTER (ADDRESS: 87h)
TABLE 3-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
RC5
RC4
RC3
RC2
RC1
RC0
bit 7
bit 0
bit 7-6:
Unimplemented: Read as ‘0’
bit 5-0:
PORTC<5:0>: General Purpose I/O pin bits
1 = Port pin is >VIH
0 = Port pin is <VIL
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
bit 7
bit 0
bit 7-6:
Unimplemented: Read as ‘0’
bit 5-0:
TRISC<5:0>: PORTC Tri-State Control bits
1 = PORTC pin configured as an input (tri-stated)
0 = PORTC pin configured as an output
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Value on all
other
Resets
07h
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
--uu uuuu
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
91h
ANSEL(1)
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
Note 1: PIC16F676 only.
Legend: x = unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com