công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E3X-VG21 bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện E3X-VG21
Giải thích chi tiết về linh kiện  Fiber-Optic Photoelectric Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-VG21 bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  E3X-VG21 Datasheet HTML 1Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 2Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 3Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 4Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 5Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 6Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 7Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 8Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
3
E3X
E3X
3
Part number
NPN
E3X-A11
E3X-A21
E3X-F21
E3X-VG11
E3X-VG21
PNP
E3X-A41
E3X-A51
E3X-F51
—
—
Supply voltage
10-30 VDC
12-24 VDC
±10%
10-30 VDC
10% ripple max.
10% ripple max.
10% ripple max.
Current consumption
35 mA max.
40 mA max.
Required fiber optic cables
All E32-series
Light source
Pulse-modulated red LED (660 nm)
Pulse-modulated green LED (565 nm)
Operation mode
Light-ON, Dark-ON or SET modes (switch selectable)
Sensitivity
8-turn potentiometer with clutch and indicator
Mutual interference protection
Not provided
Control
Type
NPN — open collector
PNP — open collector
Max. load
100 mA, 30 VDC max.
100 mA, 40 VDC max.
Max. ON-state
1 VDC max. at 100 mA
voltage drop
Response time
200
µs max.
ON: 20
µs max.
200
µs max.
OFF: 30
µs max.
Timing functions
—
OFF-delay,
—
OFF-delay,
0.01 to 0.1 sec,
0.01 to 0.1 sec,
adjustable;
adjustable;
switch selectable
switch selectable
Alarm output
—
50 mA,
—
50 mA,
30 VDC max.
40 VDC max.
Check input
Input voltage
—
Light OFF:
—
Light OFF:
1.5 V max.
1.5 V max.
Circuit protection
Output short circuit protection, DC power reverse polarity protection
Indicators
Light received (red LED) and output stability (green LED)
Materials
Case
Heat-resistant ABS
Cover
Polycarbonate
Mounting
DIN rail track, or on flat surface through holes in bracket (provided)
Connections
Prewired
3 conductor
5 conductor
3 conductor
5 conductor
cable,
cable,
cable,
cable,
2 m (6.5 ft)
2 m (6.5 ft)
2 m (6.5 ft)
2 m (6.5 ft)
Weight
100 g (3.5 oz.) with 2 m cable
Enclosure rating
IEC
IP66 (with cover on)
Ambient
Operating
-25
° to 55°C with no ice buildup (-13° to 131°F)
temperature
Storage
-40
° to 70°C (-40° to 158°F)
Specifications
output
DC
solid-
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com