công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E3X-VG21 bảng dữ liệu(PDF) 11 Page - Omron Electronics LLC

tên linh kiện E3X-VG21
Giải thích chi tiết về linh kiện  Fiber-Optic Photoelectric Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-VG21 bảng dữ liệu(HTML) 11 Page - Omron Electronics LLC

Back Button E3X-VG21 Datasheet HTML 7Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 8Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 9Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 10Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 11Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 12Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 13Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 14Page - Omron Electronics LLC E3X-VG21 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
12
E3X
E3X
12
s EXTERNAL DIAGNOSTIC INPUT FUNCTION
With this function, light projection can be stopped when desired.
The operation of the sensor can be checked with this function
before the E3X is placed into actual operation.
E3X-F❏❏/-VG❏❏
E3X-A❏❏
Light is emitted from the projection fiber head when the self-
diagnostic inputs is ON. The sensor, however, will not operate.
NPN Type
No light is emitted from the projection fiber head when self-
diagnostic input is ON.
s SPECIAL FIBER UNITS
The following special accessories are available (order
separately). Contact your OMRON representative for the details.
Light projection
stops
Brown (+V)
Brown (+V)
Brown (+V)
Brown (+V)
Blue (0 V)
Blue (0 V)
Blue (0 V)
Blue (0 V)
Light
PNP Type
Light projection
stops
Light
OFF
OFF
ON
ON
Pink
(external-
check
input)
Pink
(external-
check
input)
Pink
(external-
check
input)
Pink
(external-
check
input)
Fiber Units with Special Length of Stainless Steel Tube
Fiber with different lengths of stainless steel tubes are available.
Applicable Models
E32-TC200F (tube with 0.9 dia.)
E32-TC200B/DC200F (tube with 1.2 dia.)
E32-DC200B (tube with 2.5 dia.)
Appearance
The length can be ordered in increments of 10 mm between
10 mm min. and 120 mm max.
Tolerance:
±1.0 mm if L is 40 mm or less and ±2.0 if L is more
than 40 mm. (Note that standard Fiber Units have a 90-mm or
40-mm long stainless steel tube.)
External-diagnostic input
(between blue and pink)
Short
Open
ON
OFF
ON
OFF
LED for light projection
Indicator
By short-circuiting the brown and pink cords, light projection can
be stopped (with a short-circuit current of 0.2 mA max.).
L
By short-circuiting the pink and blue cords, light projection can be
stopped (with a short-circuit current of 0.2 mA max.).
External-diagnostic input
(between blue and pink)
Short
Open
ON
OFF
ON
OFF
LED for light projection
Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com