công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FCN362C048CF bảng dữ liệu(PDF) 30 Page - Lite-On Technology Corporation

tên linh kiện FCN362C048CF
Giải thích chi tiết về linh kiện  RECTANGULAR CONNECTORS FCN360 Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

FCN362C048CF bảng dữ liệu(HTML) 30 Page - Lite-On Technology Corporation

Back Button FCN362C048CF Datasheet HTML 24Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 25Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 26Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 27Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 28Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 29Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 30Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 31Page - Lite-On Technology Corporation FCN362C048CF Datasheet HTML 32Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
FCN-360 Series
30
Dimensions are in millimeters (inches)
www.fujitsu.takamisawa.com
Specifications
subject to change
ACCESSORIES
s MOUNTING SYLE
[Right-angle mounting metal fitting]
M2.6
× 10
Metal fitting
Plug or jack
PCB
Jack with cover or
plug with cover
Note: The M2.6 mm (0.102 in.) thread
×
10 mm (0.394 in.) long machine screw
shall be separately prepared.
Jack with cover
Plug
PCB
Metal fitting
[Straight mounting metal fitting]
M2.6
× 8
Note: The M2.6 mm (0.102 in.) thread
×
8 mm (0.315 in.) long machine screw
shall be separately prepared.
[Straight mounting round metal fitting]
Metal fitting
M2.6
× 8
PCB
Plug or jack
Jack with cover or
plug with cover
Note: The M2.6 mm (0.102 in.) thread
×
8 mm (0.315 in.) long machine screw
shall be separately prepared.
s SELECTION OF METAL FITTINGS ACCORDING TO COMBINATION OF CONNECTORS
AND COVERS
361P
362P
364P
365P
361J
With cover
FCN-360A4
FCN-360A1
FCN-360A1
FCN-360A2
Without cover
FCN-360A5
FCN-360A6
FCN-360A6
FCN-360A3
362J
With cover
FCN-360A4
FCN-360A1
FCN-360A1
FCN-360A2
Without cover
FCN-360A5
FCN-360A6
FCN-360A6
FCN-360A3
363J
With cover
FCN-360A4
FCN-360A1
FCN-360A1
FCN-360A2
Without cover
FCN-360A5
FCN-360A6
FCN-360A6
FCN-360A3
364J
With cover
FCN-360A4
FCN-360A1
FCN-360A1
FCN-360A2
Without cover
FCN-360A5
FCN-360A6
FCN-360A6
FCN-360A3
367J
With cover
—
—
—
—
Without cover
FCN-360A5
FCN-360A6
FCN-360A6
FCN-360A3
Cover mounting side
Jack
Plug
Metal
fitting
mounting
side
Metal
fitting part
number
361J
362J
363J
364J
365J
367J
361P
With cover
FCN-360A4
FCN-360A4
FCN-360A4
FCN-360A4
FCN-360A10
(FCN-360A8)
FCN-360A4
Without cover
FCN-360A5
FCN-360A5
FCN-360A5
FCN-360A5
FCN-360A9
FCN-360A5
Cover mounting side
Plug
Jack
361P
With cover
—
—
—
—
—
—
Without cover
FCN-360A7
FCN-360A7
FCN-360A7
FCN-360A7
FCN-360A9
FCN-360A7
364P
With cover
—
—
—
—
—
—
Without cover
FCN-360A7
FCN-360A7
FCN-360A7
FCN-360A7
FCN-360A9
FCN-360A7
Metal
fitting
mounting
side
Metal
fitting part
number
Note: When the jack or plug without a cover (shaded part) is used, have M2.6
× 8 mm machine screws ready
inorder to tighten the connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com