| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7FLITE25F2M6 bảng dữ liệu(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FLITE25F2M6 bảng dữ liệu(HTML) 114 Page - STMicroelectronics |
|
114 / 166 page ![]() Instruction set ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 114/166 Doc ID 8349 Rev 5 12.1.7 Relative mode (direct, indirect) This addressing mode is used to modify the PC register value, by adding an 8-bit signed offset to it. . The relative addressing mode consists of two submodes: ● Relative (direct) The offset follows the opcode. ● Relative (indirect) The offset is defined in the memory, the address of which follows the opcode. 12.2 Instruction groups The ST7 family devices use an Instruction Set consisting of 63 instructions. The instructions may be subdivided into 13 main groups as illustrated in Table 55: BTJT, BTJF Bit Test and Jump operations SLL, SRL, SRA, RLC, RRC Shift and Rotate operations SWAP Swap nibbles CALL, JP Call or Jump sub-routine Table 53. Short instructions supporting direct, indexed, indirect and indirect indexed addressing modes (continued) Short instructions only Function Table 54. Relative direct and indirect instructions and functions Available relative direct/indirect instructions Function JRxx Conditional Jump CALLR Call Relative Table 55. Instruction groups Group Instructions Load and Transfer LD CLR −− − − − − Stack operation PUSH POP RSP −− − − − Increment/Decrement INC DEC −− − − − − Compare and Tests CP TNZ BCP −− − − − Logical operations AND OR XOR CPL NEG −− − Bit operation BSET BRES −− − − − − Conditional Bit Test and Branch BTJT BTJF −− − − − − Arithmetic operations ADC ADD SUB SBC MUL −− − Shift and Rotates SLL SRL SRA RLC RRC SWAP SLA − Unconditional Jump or Call JRA JRT JRF JP CALL CALLR NOP RET |