| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6470PDTR bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6470PDTR bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 70 page ![]() L6470 Programming manual Doc ID16737 Rev 5 51/70 The EN_VSCOMP bit sets whether the motor supply voltage compensation is enabled or not. The F_PWM_INT bits set the integer division factor of PWM frequency generation. The F_PWM_DEC bits set the multiplication factor of PWM frequency generation. Table 26. Programmable power bridge output slew rate values POW_SR [1..0] Output slew rate (1) [V/µs] 1. See SRout_r and SRout_f parameters in Table 5 for details. 00 320 01 75 10 110 11 260 Table 27. Motor supply voltage compensation enable EN_VSCOMP Motor supply voltage compensation 0 Disabled 1 Enabled Table 28. PWM frequency: integer division factor F_PWM_INT [2..0] Integer division factor 000 1 001 2 010 3 011 4 100 5 101 6 110 7 111 |