| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6470PDTR bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6470PDTR bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 70 page ![]() Pin connection L6470 18/70 Doc ID16737 Rev 5 24 31 FLAG Open drain output Status flag pin. An internal open drain transistor can pull the pin to GND when a programmed alarm condition occurs (step loss, OCD, thermal pre- warning or shutdown, UVLO, wrong command, non- performable command) 3 6 STBY\RST Logic input Standby and reset pin. LOW logic level resets the logic and puts the device into Standby mode. If not used, it should be connected to VDD. 25 32 STCK Logic input Step-clock input EPAD EPAD Exposed pad Ground Internally connected to PGND, AGND and DGND pins Table 6. Pin description (continued) No. Name Type Function HTSSOP POWERSO |