công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6470PDTR bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện L6470PDTR
Giải thích chi tiết về linh kiện  dSPIN fully integrated microstepping motor driver with motion engine and SPI
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6470PDTR bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button L6470PDTR Datasheet HTML 18Page - STMicroelectronics L6470PDTR Datasheet HTML 19Page - STMicroelectronics L6470PDTR Datasheet HTML 20Page - STMicroelectronics L6470PDTR Datasheet HTML 21Page - STMicroelectronics L6470PDTR Datasheet HTML 22Page - STMicroelectronics L6470PDTR Datasheet HTML 23Page - STMicroelectronics L6470PDTR Datasheet HTML 24Page - STMicroelectronics L6470PDTR Datasheet HTML 25Page - STMicroelectronics L6470PDTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
Functional description
L6470
22/70
Doc ID16737 Rev 5
Figure 5.
Charge pump circuitry
6.4
Microstepping
The driver is able to divide the single step into up to 128 microsteps. Stepping mode can be
programmed by the STEP_SEL parameter in the STEP_MODE register (see Table 18).
Step mode can only be changed when bridges are disabled. Every time the step mode is
changed the electrical position (i.e. the point of microstepping sinewave that is generated) is
reset to the first microstep and the absolute position counter value (see Section 6.5)
becomes meaningless.
Figure 6.
Normal mode and microstepping (128 microsteps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70