công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5429EBZ bảng dữ liệu(PDF) 16 Page - Analog Devices

tên linh kiện EVAL-AD5429EBZ
Giải thích chi tiết về linh kiện  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5429EBZ bảng dữ liệu(HTML) 16 Page - Analog Devices

Back Button EVAL-AD5429EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 16 of 32
Bipolar Operation
In some applications, it may be necessary to generate full
4-quadrant multiplying operation or a bipolar output swing.
This can easily be accomplished by using another external
amplifier and three external resistors, as shown in Figure 39.
When VIN is an ac signal, the circuit performs 4-quadrant
multiplication. When connected in bipolar mode, the output
voltage is
()
REF
n
REF
OUT
V
D
V
V
−
×
=
− 1
2
/
where:
D
is the fractional representation of the digital word loaded to
the DAC.
D
= 0 to 255 (AD5429)
= 0 to 1023 (AD5439)
= 0 to 4095 (AD5449)
n
is the number of bits.
Table 6 shows the relationship between digital code and the
expected output voltage for bipolar operation with the AD5429.
Table 6. Bipolar Code
Digital Input
Analog Output (V)
1111 1111
+VREF (255/256)
1000 0000
0
0000 0001
−VREF (255/256)
0000 0000
−VREF (256/256)
Stability
In the I-to-V configuration, the IOUT of the DAC and the inverting
node of the op amp must be connected as closely as possible, and
proper PCB layout techniques must be used. Because every code
change corresponds to a step function, gain peaking may occur
if the op amp has limited gain bandwidth product (GBP) and
there is excessive parasitic capacitance at the inverting node.
This parasitic capacitance introduces a pole into the open-loop
response, which can cause ringing or instability in the closed-
loop applications circuit.
As shown in Figure 38 and Figure 39, an optional compensation
capacitor, C1, can be added in parallel with RFBx for stability.
Too small a value of C1 can produce ringing at the output,
whereas too large a value can adversely affect the settling time.
C1 should be found empirically, but 1 pF to 2 pF is generally
adequate for the compensation.
IOUT1A
IOUT2A
AD5429/
AD5439/
AD5449
VREFx
VDD
C1
A1
VOUT = –VREF TO +VREF
R2
VDD
VREF ±10V
SDIN
SCLK
SYNC
MICROCONTROLLER
A2
R4
10kΩ
R5
20kΩ
NOTES
1. R1 AND R2 USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
2. MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS
3. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
4. DAC B AND ADDITIONAL PINS OMITTED FOR CLARITY.
IF A1/A2 IS A HIGH SPEED AMPLIFIER.
ADJUST R1 FOR VOUT = 0V WITH CODE 10000000 LOADED TO DAC.
R3 AND R4.
R3
20kΩ
R1
RFBA
AGND
GND
R1
Figure 39. Bipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com