công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD5429EBZ bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện EVAL-AD5429EBZ
Giải thích chi tiết về linh kiện  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5429EBZ bảng dữ liệu(HTML) 3 Page - Analog Devices

  EVAL-AD5429EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 3 of 32
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2 = 0 V. Temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless
otherwise noted. DC performance is measured with the OP177, and ac performance is measured with the AD8038, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
AD5429
Resolution
8
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5439
Resolution
10
Bits
Relative Accuracy
±0.5
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic
AD5449
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
−1/+2
LSB
Guaranteed monotonic
Gain Error
±25
mV
Gain Error Temperature
Coefficient
±5
ppm FSR/°C
Output Leakage Current
±5
nA
Data = 0x0000, TA = 25°C, IOUT1
±15
nA
Data = 0x0000, IOUT1
REFERENCE INPUT
Reference Input Range
±10
V
VREFA, VREFB Input Resistance
9
11
13
kΩ
Input resistance temperature coefficient = −50 ppm/°C
VREFA-to-VREFB Input Resistance
Mismatch
1.6
2.5
%
Typical = 25°C, maximum = 125°C
Input Capacitance
Code 0
3.5
pF
Code 4095
3.5
pF
DIGITAL INPUTS/OUTPUT
Input High Voltage, VIH
1.7
V
VDD = 3.6 V to 5.5 V
1.7
V
VDD = 2.5 V to 3.6 V
Input Low Voltage, VIL
0.8
V
VDD = 2.7 V to 5.5 V
0.7
V
VDD = 2.5 V to 2.7 V
Output High Voltage, VOH
VDD − 1
V
VDD = 4.5 V to 5.5 V, ISOURCE = 200 μA
VDD − 0.5
V
VDD = 2.5 V to 3.6 V, ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
V
VDD = 4.5 V to 5.5 V, ISINK = 200 μA
0.4
V
VDD = 2.5 V to 3.6 V, ISINK = 200 μA
Input Leakage Current, IIL
1
μA
Input Capacitance
4
10
pF
DYNAMIC PERFORMANCE
Reference-Multiplying Bandwidth
10
MHz
VREF = ±3.5 V p-p, DAC loaded all 1s
Output Voltage Settling Time
RLOAD = 100 Ω, CLOAD = 15 pF, VREF = 10 V,
DAC latch alternately loaded with 0s and 1s
Measured to ±1 mV of FS
80
120
ns
Measured to ±4 mV of FS
35
70
ns
Measured to ±16 mV of FS
30
60
ns
Digital Delay
20
40
ns
Digital-to-Analog Glitch Impulse
3
nV-sec
1 LSB change around major carry, VREF = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com