| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VN820PT bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN820PT bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 43 page ![]() VN820 Block diagram and pin description Doc ID 7370 Rev. 5 7/43 1 Block diagram and pin description Figure 1. Block diagram Figure 2. Configuration diagram (top view) Table 2. Suggested connections for unused and not connected pins Connection / pin Status N.C. Output Input Floating X X X X To ground X Through 10 K Ω resistor UNDER-VOLTAGE OVER-TEMPERATURE VCC GND INPUT OUTPUT OVER-VOLTAGE CURRENT LIMITER LOGIC DRIVER Power CLAMP STATUS VCC CLAMP ON -STATE OPEN LOAD OFF -STATE OPEN LOAD AND OUTPUT SHORTED TO VCC DETECTION DETECTION DETECTION DETECTION DETECTION OUTPUT STATUS VCC INPUT GND 5 4 3 2 1 PPAK / P2PAK / PENTAWATT 1 2 3 4 5 6 7 8 9 10 11 OUTPUT OUTPUT OUTPUT OUTPUT GROUND INPUT STATUS N.C. N.C. VCC OUTPUT PowerSO-10 |