| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
dsPIC33FJ64GS406 bảng dữ liệu(PDF) 313 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 bảng dữ liệu(HTML) 313 Page - Microchip Technology |
|
313 / 456 page ![]() 2009-2012 Microchip Technology Inc. DS70591E-page 313 dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610 FIGURE 22-3: ADC BLOCK DIAGRAM FOR dsPIC33FJ32GS608 AND dsPIC33FJ64GS608 DEVICES WITH TWO SARS AN25(2) Even Numbered Inputs with Dedicated Odd Numbered Inputs with Shared S&H Even Numbered Inputs with Shared S&H SAR Core Seven Registers 16-Bit SAR Core Sample and Hold (S&H) Circuits AN0 AN2 AN6 AN1 AN3 AN8 AN10 Seven Registers 16-Bit AN4 AN5 AN7 AN9 AN11 (INTREF) AN17 AN24(1) (EXTREF) AN13 AN15 AN12 AN14 AN16 Note 1: AN24 (EXTREF) is an internal analog input. To measure the voltage at AN24 (EXTREF), an analog comparator must be enabled and EXTREF must be selected as the comparator reference. 2: AN25 (INTREF) is an internal analog input and is not available on a pin. |