| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
dsPIC33FJ64GS406 bảng dữ liệu(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 bảng dữ liệu(HTML) 88 Page - Microchip Technology |
|
88 / 456 page ![]() TABLE 4-37: ECAN1 REGISTER MAP WHEN WIN (C1CTRL1<0>) = 0 OR 1 File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets C1CTRL1 0600 — — CSIDL ABAT — REQOP<2:0> OPMODE<2:0> — CANCAP — —WIN 0480 C1CTRL2 0602 — — — — — — — — — — — DNCNT<4:0> 0000 C1VEC 0604 — — — FILHIT<4:0> — ICODE<6:0> 0000 C1FCTRL 0606 DMABS<2:0> — — — — — — — —FSA<4:0> 0000 C1FIFO 0608 — —FBP<5:0> — — FNRB<5:0> 0000 C1INTF 060A — — TXBO TXBP RXBP TXWAR RXWAR EWARN IVRIF WAKIF ERRIF — FIFOIF RBOVIF RBIF TBIF 0000 C1INTE 060C — — — — — — — — IVRIE WAKIE ERRIE — FIFOIE RBOVIE RBIE TBIE 0000 C1EC 060E TERRCNT<7:0> RERRCNT<7:0> 0000 C1CFG1 0610 — — — — — — — — SJW<1:0> BRP<5:0> 0000 C1CFG2 0612 —WAKFIL — — — SEG2PH<2:0> SEG2PHTS SAM SEG1PH<2:0> PRSEG<2:0> 0000 C1FEN1 0614 FLTEN15 FLTEN14 FLTEN13 FLTEN12 FLTEN11 FLTEN10 FLTEN9 FLTEN8 FLTEN7 FLTEN6 FLTEN5 FLTEN4 FLTEN3 FLTEN2 FLTEN1 FLTEN0 FFFF C1FMSKSEL1 0618 F7MSK<1:0> F6MSK<1:0> F5MSK<1:0> F4MSK<1:0> F3MSK<1:0> F2MSK<1:0> F1MSK<1:0> F0MSK<1:0> 0000 C1FMSKSEL2 061A F15MSK<1:0> F14MSK<1:0> F13MSK<1:0> F12MSK<1:0> F11MSK<1:0> F10MSK<1:0> F9MSK<1:0> F8MSK<1:0> 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. TABLE 4-38: ECAN1 REGISTER MAP WHEN WIN (C1CTRL1<0>) = 0 File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9Bit 8Bit 7 Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0 All Resets 0600- 061E See definition when WIN = x C1RXFUL1 0620 RXFUL15 RXFUL14 RXFUL13 RXFUL12 RXFUL11 RXFUL10 RXFUL9 RXFUL8 RXFUL7 RXFUL6 RXFUL5 RXFUL4 RXFUL3 RXFUL2 RXFUL1 RXFUL0 0000 C1RXFUL2 0622 RXFUL31 RXFUL30 RXFUL29 RXFUL28 RXFUL27 RXFUL26 RXFUL25 RXFUL24 RXFUL23 RXFUL22 RXFUL21 RXFUL20 RXFUL19 RXFUL18 RXFUL17 RXFUL16 0000 C1RXOVF1 0628 RXOVF15 RXOVF14 RXOVF13 RXOVF12 RXOVF11 RXOVF10 RXOVF9 RXOVF8 RXOVF7 RXOVF6 RXOVF5 RXOVF4 RXOVF3 RXOVF2 RXOVF1 RXOVF0 0000 C1RXOVF2 062A RXOVF31 RXOVF30 RXOVF29 RXOVF28 RXOVF27 RXOVF26 RXOVF25 RXOVF24 RXOVF23 RXOVF22 RXOVF21 RXOVF20 RXOVF19 RXOVF18 RXOVF17 RXOVF16 0000 C1TR01CON 0630 TXEN1 TXABT1 TXLARB1 TXERR1 TXREQ1 RTREN1 TX1PRI<1:0> TXEN0 TXABT0 TXLARB0 TXERR0 TXREQ0 RTREN0 TX0PRI<1:0> 0000 C1TR23CON 0632 TXEN3 TXABT3 TXLARB3 TXERR3 TXREQ3 RTREN3 TX3PRI<1:0> TXEN2 TXABT2 TXLARB2 TXERR2 TXREQ2 RTREN2 TX2PRI<1:0> 0000 C1TR45CON 0634 TXEN5 TXABT5 TXLARB5 TXERR5 TXREQ5 RTREN5 TX5PRI<1:0> TXEN4 TXABT4 TXLARB4 TXERR4 TXREQ4 RTREN4 TX4PRI<1:0> 0000 C1TR67CON 0636 TXEN7 TXABT7 TXLARB7 TXERR7 TXREQ7 RTREN7 TX7PRI<1:0> TXEN6 TXABT6 TXLARB6 TXERR6 TXREQ6 RTREN6 TX6PRI<1:0> 0000 C1RXD 0640 Received Data Word xxxx C1TXD 0642 Transmit Data Word xxxx Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. |