| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SE33 bảng dữ liệu(PDF) 477 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE33 bảng dữ liệu(HTML) 477 Page - Microchip Technology |
|
477 / 478 page ![]() 2010-2012 Microchip Technology Inc. DS41414D-page 477 PIC16(L)F1946/47 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Examples: a) PIC16LF1946 - E/MR = Extended temp., QFN package b) PIC16F1947 - I/PT = Industrial temp., TQFP package c) PIC16LF1947T - I/MR 301 = Tape and Reel, Industrial temp., QFN package, QTP pattern #301 Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. Device: PIC16F1946, PIC16LF1946, PIC16F1947, PIC16LF1947 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C(Industrial) E= -40 C to +125C (Extended) Package: MR = Micro Lead Frame (QFN) PT = TQFP (Thin Quad Flatpack) Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) PART NO. X /XX XXX Pattern Package Temperature Range Device [X](1) Tape and Reel Option - |