công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F690IP bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện PIC16F690IP
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 4Page - Microchip Technology PIC16F690IP Datasheet HTML 5Page - Microchip Technology PIC16F690IP Datasheet HTML 6Page - Microchip Technology PIC16F690IP Datasheet HTML 7Page - Microchip Technology PIC16F690IP Datasheet HTML 8Page - Microchip Technology PIC16F690IP Datasheet HTML 9Page - Microchip Technology PIC16F690IP Datasheet HTML 10Page - Microchip Technology PIC16F690IP Datasheet HTML 11Page - Microchip Technology PIC16F690IP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 6
© 2008 Microchip Technology Inc.
PIC16F690 Pin Diagram (PDIP, SOIC, SSOP)
TABLE 5:
PIC16F690 PIN SUMMARY
I/O
Pin
Analog
Comparators Timers
ECCP
EUSART
SSP
Interrupt Pull-up
Basic
RA0
19
AN0/ULPWU
C1IN+
—
—
—
—
IOC
Y
ICSPDAT
RA1
18
AN1/VREF
C12IN0-
—
—
—
—
IOC
Y
ICSPCLK
RA2
17
AN2
C1OUT
T0CKI
—
—
—
IOC/INT
Y
RA3
4
—
—
—
—
—
—
IOC
Y(1)
MCLR/VPP
RA4
3
AN3
—
T1G
—
—
—
IOC
Y
OSC2/CLKOUT
RA5
2
—
—
T1CKI
—
—
—
IOC
Y
OSC1/CLKIN
RB4
13
AN10
—
—
—
—
SDI/SDA
IOC
Y
—
RB5
12
AN11
—
—
—
RX/DT
—
IOC
Y
—
RB6
11
—
—
—
—
SCL/SCK
IOC
Y
—
RB7
10
—
—
—
—
TX/CK
—
IOC
Y
—
RC0
16
AN4
C2IN+
—
—
—
—
—
—
—
RC1
15
AN5
C12IN1-
—
—
—
—
—
—
—
RC2
14
AN6
C12IN2-
—
P1D
—
—
—
—
—
RC3
7
AN7
C12IN3-
—
P1C
—
—
—
—
—
RC4
6
—
C2OUT
—
P1B
—
—
—
—
—
RC5
5
—
—
—
CCP1/P1A
—
—
—
—
—
RC6
8
AN8
—
—
—
—
SS
—
—
—
RC7
9
AN9
—
—
—
—
SDO
—
—
—
—
1
—
—
—
—
—
—
—
—
VDD
—20
—
—
—
—
—
—
—
—
VSS
Note 1: Pull-up activated only with external MCLR configuration.
20-pin PDIP, SOIC, SSOP
VDD
RA5/T1CKI/OSC1/CLKIN
RA4/AN3/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5/CCP1/P1A
RC4/C2OUT/P1B
RC3/AN7/C12IN3-/P1C
RC6/AN8/SS
RC7/AN9/SDO
RB7/TX/CK
VSS
RA0/AN0/C1IN+/ICSPDAT/ULPWU
RA1/AN1/C12IN0-/VREF/ICSPCLK
RA2/AN2/T0CKI/INT/C1OUT
RC0/AN4/C2IN+
RC1/AN5/C12IN1-
RC2/AN6/C12IN2-/P1D
RB4/AN10/SDI/SDA
RB5/AN11/RX/DT
RB6/SCK/SCL
1
2
3
4
20
19
18
17
5
6
7
16
15
14
8
9
10
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More