công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F690IP bảng dữ liệu(PDF) 50 Page - Microchip Technology

tên linh kiện PIC16F690IP
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP bảng dữ liệu(HTML) 50 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 46Page - Microchip Technology PIC16F690IP Datasheet HTML 47Page - Microchip Technology PIC16F690IP Datasheet HTML 48Page - Microchip Technology PIC16F690IP Datasheet HTML 49Page - Microchip Technology PIC16F690IP Datasheet HTML 50Page - Microchip Technology PIC16F690IP Datasheet HTML 51Page - Microchip Technology PIC16F690IP Datasheet HTML 52Page - Microchip Technology PIC16F690IP Datasheet HTML 53Page - Microchip Technology PIC16F690IP Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 48
© 2008 Microchip Technology Inc.
3.2
Oscillator Control
The Oscillator Control (OSCCON) register (Figure 3-1)
controls the system clock and frequency selection
options. The OSCCON register contains the following
bits:
• Frequency selection bits (IRCF)
• Frequency Status bits (HTS, LTS)
• System clock control bits (OSTS, SCS)
REGISTER 3-1:
OSCCON: OSCILLATOR CONTROL REGISTER
U-0
R/W-1
R/W-1
R/W-0
R-1
R-0
R-0
R/W-0
—
IRCF2
IRCF1
IRCF0
OSTS(1)
HTS
LTS
SCS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
IRCF<2:0>: Internal Oscillator Frequency Select bits
111
=8 MHz
110
= 4 MHz (default)
101
=2 MHz
100
=1 MHz
011
= 500 kHz
010
= 250 kHz
001
= 125 kHz
000
= 31 kHz (LFINTOSC)
bit 3
OSTS: Oscillator Start-up Time-out Status bit(1)
1
= Device is running from the clock defined by FOSC<2:0> of the CONFIG register
0
= Device is running from the internal oscillator (HFINTOSC or LFINTOSC)
bit 2
HTS: HFINTOSC Status bit (High Frequency – 8 MHz to 125 kHz)
1
= HFINTOSC is stable
0
= HFINTOSC is not stable
bit 1
LTS: LFINTOSC Stable bit (Low Frequency – 31 kHz)
1
= LFINTOSC is stable
0
= LFINTOSC is not stable
bit 0
SCS: System Clock Select bit
1
= Internal oscillator is used for system clock
0
= Clock source defined by FOSC<2:0> of the CONFIG register
Note 1:
Bit resets to ‘0’ with Two-Speed Start-up and LP, XT or HS selected as the Oscillator mode or Fail-Safe
mode is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com