công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STI10N62K3 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STI10N62K3
Giải thích chi tiết về linh kiện  N-channel 620 V, 0.68typ., 8.4 A SuperMESH3?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI10N62K3 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STI10N62K3 Datasheet HTML 1Page - STMicroelectronics STI10N62K3 Datasheet HTML 2Page - STMicroelectronics STI10N62K3 Datasheet HTML 3Page - STMicroelectronics STI10N62K3 Datasheet HTML 4Page - STMicroelectronics STI10N62K3 Datasheet HTML 5Page - STMicroelectronics STI10N62K3 Datasheet HTML 6Page - STMicroelectronics STI10N62K3 Datasheet HTML 7Page - STMicroelectronics STI10N62K3 Datasheet HTML 8Page - STMicroelectronics STI10N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STF10N62K3, STFI10N62K3, STI10N62K3, STP10N62K3
Electrical characteristics
Doc ID 15640 Rev 4
5/17
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve an efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 310 V, ID = 4 A,
RG = 4.7 Ω, VGS = 10 V
(see
Figure 17)
-
14.5
15
41
31
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
-
8.4
33.6
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 8 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 8 A, di/dt = 100A/µs
VDD = 60 V (see Figure 22)
-
320
2
13
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 8 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see
Figure 22)
-
410
2.9
14
ns
µC
A
Table 8.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)GSO Gate-source breakdown
voltage (ID = 0)
Igs= ± 1 mA
30
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17