công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STI10N62K3 bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STI10N62K3
Giải thích chi tiết về linh kiện  N-channel 620 V, 0.68typ., 8.4 A SuperMESH3?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI10N62K3 bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STI10N62K3 Datasheet HTML 1Page - STMicroelectronics STI10N62K3 Datasheet HTML 2Page - STMicroelectronics STI10N62K3 Datasheet HTML 3Page - STMicroelectronics STI10N62K3 Datasheet HTML 4Page - STMicroelectronics STI10N62K3 Datasheet HTML 5Page - STMicroelectronics STI10N62K3 Datasheet HTML 6Page - STMicroelectronics STI10N62K3 Datasheet HTML 7Page - STMicroelectronics STI10N62K3 Datasheet HTML 8Page - STMicroelectronics STI10N62K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STF10N62K3, STFI10N62K3, STI10N62K3, STP10N62K3
4/17
Doc ID 15640 Rev 4
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
620
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 620 V
VDS = 620 V, TC=125 °C
1
50
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 100 µA
3
3.75
4.5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 4 A
0.68
0.75
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward
transconductance
VDS = 15 V, ID = 4 A
-
6
-
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
-
1250
138
16
-
pF
pF
pF
Co(tr)
(2)
2.
Coss eq. time related is defined as a constant equivalent capacitance giving the same charging time as Coss
when VDS increases from 0 to 80% VDSS
Equivalent
capacitance time
related
VDS = 0 to 496 V, VGS = 0
-
56
-
pF
Co(er)
(3)
3.
Coss eq. energy related is defined as a constant equivalent capacitance giving the same stored energy as
Coss when VDS increases from 0 to 80% VDSS
Equivalent
capacitance energy
related
VDS = 0 to 496 V, VGS = 0
-
38
-
pF
RG
Gate input resistance
f=1 MHz Gate DC Bias=0 Test
signal level = 20 mV open
drain
-3.5
-
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 496 V, ID = 8 A,
VGS = 10 V
(see
Figure 18)
-
42
7.4
23
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com