công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HSC705C8ACFS bảng dữ liệu(PDF) 79 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HSC705C8ACFS
Giải thích chi tiết về linh kiện  M68HC05 Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HSC705C8ACFS bảng dữ liệu(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MC68HSC705C8ACFS Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 222 page
background image
Parallel Input/Output (I/O)
Port A
MC68HC705C8A — Rev. 3
Technical Data
MOTOROLA
Parallel Input/Output (I/O)
7.3.2 Data Direction Register A
The contents of data direction register A (DDRA) shown in Figure 7-2
determine whether each port A pin is an input or an output. Writing a
logic 1 to a DDRA bit enables the output buffer for the associated port A
pin; a logic 0 disables the output buffer. A reset clears all DDRA bits,
configuring all port A pins as inputs.
DDRA7–DDRA0 — Port A Data Direction Bits
These read/write bits control port A data direction. Reset clears bits
DDRA7–DDRA0.
1 = Corresponding port A pin configured as output
0 = Corresponding port A pin configured as input
NOTE:
Avoid glitches on port A pins by writing to the port A data register before
changing DDRA bits from logic 0 to logic 1.
Address:
$0004
Bit 7
6
54321
Bit 0
Read:
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
Write:
Reset:
00
000000
Figure 7-2. Data Direction Register A (DDRA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com