công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HSC705C8ACFS bảng dữ liệu(PDF) 78 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HSC705C8ACFS
Giải thích chi tiết về linh kiện  M68HC05 Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HSC705C8ACFS bảng dữ liệu(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MC68HSC705C8ACFS Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 222 page
background image
Technical Data
MC68HC705C8A — Rev. 3
78
Parallel Input/Output (I/O)
Parallel Input/Output (I/O)
7.3 Port A
Port A is an 8-bit, general-purpose, bidirectional input/output (I/O) port.
7.3.1 Port A Data Register
The port A data register (PORTA) shown in Figure 7-1 contains a data
latch for each of the eight port A pins. When a port A pin is programmed
to be an output, the state of its data register bit determines the state of
the output pin. When a port A pin is programmed to be an input, reading
the port A data register returns the logic state of the pin.
PA7–PA0 — Port A Data Bits
These read/write bits are software programmable. Data direction of
each bit is under the control of the corresponding bit in data direction
register A. Reset has no effect on port A data.
Address:
$0000
Bit 7
6
54321
Bit 0
Read:
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Write:
Reset:
Unaffected by reset
Figure 7-1. Port A Data Register (PORTA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com