công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HSC705C8ACFS bảng dữ liệu(PDF) 71 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HSC705C8ACFS
Giải thích chi tiết về linh kiện  M68HC05 Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HSC705C8ACFS bảng dữ liệu(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MC68HSC705C8ACFS Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HSC705C8ACFS Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 222 page
background image
Low-Power Modes
Stop Mode
MC68HC705C8A — Rev. 3
Technical Data
MOTOROLA
Low-Power Modes
6.3.1 SCI During Stop Mode
When the MCU enters stop mode, the baud rate generator stops, halting
all SCI activity. If the STOP instruction is executed during a transmitter
transfer, that transfer is halted. If a low input to the IRQ pin is used to exit
stop mode, the transfer resumes.
If the SCI receiver is receiving data and stop mode is entered, received
data sampling stops because the baud rate generator stops, and all
subsequent data is lost. Therefore, all SCI transfers should be in the idle
state when the STOP instruction is executed.
6.3.2 SPI During Stop Mode
When the MCU enters stop mode, the baud rate generator stops,
terminating all master mode SPI operations. If the STOP instruction is
executed during an SPI transfer, that transfer halts until the MCU exits
stop mode by a low signal on the IRQ pin. If reset is used to exit stop
mode, the SPI control and status bits are cleared, and the SPI is
disabled.
If the MCU is in slave mode when the STOP instruction is executed, the
slave SPI continues to operate and can still accept data and clock
information in addition to transmitting its own data back to a master
device. At the end of a possible transmission with a slave SPI in stop
mode, no flags are set until a low on the IRQ pin wakes up the MCU.
NOTE:
Although a slave SPI in stop mode can exchange data with a master SPI,
the status bits of a slave SPI are inactive in stop mode.
6.3.3 Programmable COP Watchdog in Stop Mode
The STOP instruction turns off the internal oscillator and suspends the
computer operating properly (COP) watchdog counter. If the RESET pin
brings the MCU out of stop mode, the reset function clears and disables
the COP watchdog.
If the IRQ pin brings the MCU out of stop mode, the COP counter
resumes counting from its suspended value after the 4064-t
CYC clock
stabilization delay. See Figure 6-2.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com