công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC2605ZP66 bảng dữ liệu(PDF) 22 Page - Motorola, Inc

tên linh kiện MPC2605ZP66
Giải thích chi tiết về linh kiện  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66 bảng dữ liệu(HTML) 22 Page - Motorola, Inc

Back Button MPC2605ZP66 Datasheet HTML 18Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 19Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 20Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 21Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 22Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 23Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 24Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 25Page - Motorola, Inc MPC2605ZP66 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MPC2605
MOTOROLA
22
READ/WRITE SNOOP HIT (DIRTY L2 AND PROCESSOR LINE)
An illustration of PowerPC read or write snoop hit to a dirty
L2 cache line is shown in Figure 8. The processor has a dirty
copy of the cache line. In this case, both the processor and
the MPC2605 assert ARTRY. This situation is detected by
sampling CPU BR in the BR window, as described in the
previous example. If CPU BR is asserted in the BR window,
the MPC2605 will negate L2 BR. It will also ignore assertions
of L2 BG. This allows the processor to write back its dirty
cache line, at which time the MPC2605 will either update or
invalidate its copy depending on whether it is a snoop read or
snoop write.
12
3
4
56
7
8
9
10
11
12
13
14
A1
A2
A3
A4
A
A
A
CLK
CPU BR
L2 BR
L2 BG
TS
A0 – A31
L2 CLAIM
AACK
CPU DBG
L2 DBG
DBB
TA
DH0 – DH31,
DL0 – DL31
CPU BG
ARTRY
Signal driven to the MPC2605
Signal driven by the MPC2605
High–Z
LEGEND
Figure 8. Read or Write Snoop Hit to Dirty L2 Cache Line and Dirty Processor Cache Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com