công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT16652CSSC bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện 74ABT16652CSSC
Giải thích chi tiết về linh kiện  16-Bit Transceivers and Registers with 3-STATE Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16652CSSC bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  74ABT16652CSSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT16652CSSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 1993
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS011599.prf
www.fairchildsemi.com
74ABT16652
16-Bit Transceivers and Registers with 3-STATE Outputs
General Description
The ABT16652 consists of sixteen bus transceiver circuits
with D-type flip-flops, and control circuitry arranged for mul-
tiplexed transmission of data directly from the input bus or
from the internal registers. Each byte has separate control
inputs which can be shorted together for full 16-bit opera-
tion. Data on the A or B bus will be clocked into the regis-
ters as the appropriate clock pin goes to HIGH logic level.
Output Enable pins (OEAB, OEBA) are provided to control
the transceiver function.
Features
s Independent registers for A and B buses
s Multiplexed real-time and stored data
s Separate control logic for each byte
s A and B output sink capability of 64 mA, source
capability of 32 mA
s Guaranteed output skew
s High impedance glitch free bus loading during entire
power up and power down cycle
s Nondestructive hot insertion capability
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
74ABT16652CSSC
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300” Wide
74ABT16652CMTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Descriptions
A0–A16
Data Register A Inputs/
3-STATE Outputs
B0–B16
Data Register B Inputs/
3-STATE Outputs
CPABn, CPBAn
Clock Pulse Inputs
SABn, SBAn
Select Inputs
OEABn, OEBAn
Output Enable Inputs


Số phần tương tự - 74ABT16652CSSC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
More results

Mô tả tương tự - 74ABT16652CSSC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI-SN54ACT16651 Datasheet
175Kb / 10P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
74AC16646 TI1-74AC16646 Datasheet
218Kb / 10P
16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9