công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8S103K3 bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện STM8S103K3
Giải thích chi tiết về linh kiện  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103K3 bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button STM8S103K3 Datasheet HTML 53Page - STMicroelectronics STM8S103K3 Datasheet HTML 54Page - STMicroelectronics STM8S103K3 Datasheet HTML 55Page - STMicroelectronics STM8S103K3 Datasheet HTML 56Page - STMicroelectronics STM8S103K3 Datasheet HTML 57Page - STMicroelectronics STM8S103K3 Datasheet HTML 58Page - STMicroelectronics STM8S103K3 Datasheet HTML 59Page - STMicroelectronics STM8S103K3 Datasheet HTML 60Page - STMicroelectronics STM8S103K3 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
Unit
Max
at 125
°C
(1)
Max
at 85
°C
(1)
Typ
Conditions
Parameter
Symbol
Clock source
Flash mode
(3)
Main
voltage
regulator
(MVR)
(2)
110
85
66
LSI RC osc.
(128 kHz)
Operating mode
Off
Supply current
in active halt
mode
IDD(AH)
40
20
10
LSI RC osc.
(128 kHz)
Power-down mode
Supply current
in active halt
mode
IDD(AH)
(1) Data based on characterization results, not tested in production
(2) Configured by the REGAH bit in the CLK_ICKR register.
(3) Configured by the AHALT bit in the FLASH_CR1 register.
Table 26: Total current consumption in active halt mode at VDD = 3.3 V
Unit
Max at
125 °C
(1)
Max at
85 °C
(1)
Typ
Conditions
Parameter
Symbol
Clock source
Flash mode
(3)
Main
voltage
regulator
(MVR)
(2)
μA
550
HSE crystal
osc. (16 MHz)
Operating mode
On
Supply current
in active halt
mode
IDD(AH)
μA
290
260
200
LSI RC osc.
(128 kHz)
Operating mode
On
Supply current
in active halt
mode
IDD(AH)
970
HSE crystal
osc. (16 MHz)
Power-down
mode
IDD(AH)
230
200
150
LSI RC osc.
(128 kHz)
Supply current
in active halt
mode
IDD(AH)
105
80
66
LSI RC osc.
(128 kHz)
Operating mode
Off
IDD(AH)
35
18
10
Power-down
mode
IDD(AH)
(1) Data based on characterization results, not tested in production
(2) Configured by the REGAH bit in the CLK_ICKR register.
(3) Configured by the AHALT bit in the FLASH_CR1 register.
57/113
DocID15441 Rev 6
Electrical characteristics
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com