| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR2C04A bảng dữ liệu(PDF) 190 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A bảng dữ liệu(HTML) 190 Page - List of Unclassifed Manufacturers |
|
190 / 192 page ![]() Lucent Technologies Inc. 190 Data Sheet June 1999 ORCA Series 2 FPGAs Index (continued) 160-Pin QFP, 177 208-Pin SQFP, 178 208-Pin SQFP2, 179 240-Pin SQFP, 180 240-Pin SQFP2, 181 256-Pin PBGA, 182 304-Pin SQFP, 183 304-Pin SQFP2, 184 352-Pin PBGA, 185 432-Pin EBGA, 186 Terms and Definitions, 173 Pin Information, 71—125 84-Pin PLCC, 71 100-Pin TQFP, 73 144-Pin TQFP, 75 160-Pin QFP, 77 208-Pin SQFP/SQFP2, 81 240-Pin SQFP/SQFP2, 86 256-Pin PBGA, 92 304-Pin SQFP/SQFP2, 99 352-Pin PBGA, 106 432-Pin EBGA Pinout, 116 Package Compatibility, 68—70 Pin Descriptions, 71 Power Dissipation, 61—65 5 V Tolerant I/O, 64 OR2CxxA, 61 OR2TxxA, 63 Programmable Function Unit (PFU), 5—16 Control Inputs, 5, 7 Operating Modes, 7—15 Latches/Flip-Flops, 15—16 Programmable Input/Output Cells (PICs), 25—31 5 V Tolerant I/O, 26 Architecture, 29—30 Inputs, 25 Outputs, 26 Open-Drain Output Option, 26 Propagation Delays, 26 Overview, 25 Zero-Hold Input, 25 Programmable Logic Cells (PLCs), 5—24 Architecture, 22—24 Latches/Flip-Flops, 15—16 PFU, 5—16 Routing, 17—24 R RAM (see also FPGA Configuration), 17, 44, 135, 142 Dual-port, 3, 7, 13—15 Single-port, 3, 7, 12—15 Recommended Operating Conditions, 129 Reconfiguration (see FPGA States of Operation) Routing 3-Statable Bidirectional Buffers, 17—18, 148 Clock Routing, 24, 149—153 (see also Clock Distribution Network) Configurable Interconnect Points (CIPs), 17 Fast-Carry Routing, 24 Inter-PLC Routing Resources, 18—19 Interquad Routing, 5, 17, 32—36 Intra-PLC Routing Resources, 18 Minimizing Routing Delay, 20 PLC Routing, 17—24, 34 Programmable Corner Cell Routing, 37 PIC Routing, 27—31 S Boundary Scan, 54–59 Global 3-State Control (TS_ALL), 37, 66 Global Set/Reset (GSRN), 7, 16, 37 Internal Oscillator, 37 Readback Logic, 37 Start-up, 41 (see also FPGA States of Operation) Subtractor (see LUT Operating Modes) System Clock (see Clock Distribution Network) T 3-state (see Bidirectional Buffers, TS_ALL) Timing Characteristics, 132–168 Asynchronous Peripheral Configuration Mode, 163 Boundary-Scan Timing, 168 Clock Timing, 149 General Configuration Mode Timing, 158 Master Parallel Configuration Mode, 162 Master Serial Configuration Mode, 161 PFU Timing, 132 PIO Timing, 154 PLC Timing, 148 Readback Timing, 167 Slave Parallel Configuration Mode, 166 Slave Serial Configuration Mode, 165 Tolerant I/O, 26 (see also 5 V Tolerant I/O) TS_ALL, 1, 37, 66 U—Z Zero-hold Inputs, 25 |