| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR2C04A bảng dữ liệu(PDF) 36 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A bảng dữ liệu(HTML) 36 Page - List of Unclassifed Manufacturers |
|
36 / 192 page ![]() Data Sheet ORCA Series 2 FPGAs June 1999 36 Lucent Technologies Inc. Interquad Routing (continued) PIC Interquad (MID) Routing Between the PICs in each quadrant, there is also con- nectivity between the PIC routing and the interquad routing. These blocks are called LMID (left), TMID (top), RMID (right), and BMID (bottom). The TMID rout- ing is shown in Figure 33. As with the hIQ and vIQ blocks, the only connectivity to the PIC routing is to the global PXH and PXL lines. The PXH lines from the one quadrant can be con- nected through a CIP to its counterpart in the opposite quadrant, providing a path that spans the array of PICs. Since a passive CIP is used to connect the two PXH lines, a 3-state signal can be routed on the two PXH lines in the opposite quadrants, and then connected through this CIP. As with the hIQ and vIQ blocks, CIPs and buffers allow nibble-wide connections between the interquad lines, the XH lines, and the XL lines. 5-4201(F).r4 Figure 33. Top (TMID) Routing PXL[1] PXL[0] PX4[3] PX4[2] PX4[1] PX4[0] PX1[3] PX1[2] PX1[1] PX1[0] PXH[2] PXH[1] PXH[0] HX4[3] HX4[2] HX4[1] HX4[0] PXH[3] PXL[1] PXL[0] PX4[3] PX4[2] PX4[1] PX4[0] PX1[3] PX1[2] PX1[1] PX1[0] PXH[2] PXH[1] PXH[0] HX4[3] HX4[2] HX4[1] HX4[0] PXH[3] |