| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR2C04A bảng dữ liệu(PDF) 31 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A bảng dữ liệu(HTML) 31 Page - List of Unclassifed Manufacturers |
|
31 / 192 page ![]() Data Sheet June 1999 ORCA Series 2 FPGAs Lucent Technologies Inc. 31 Programmable Input/Output Cells (continued) Figure 27 shows paths to and from pads and the use of MUX CIPs to connect lines. Detail A shows six MUX CIPs for the pad P0 used to construct the net for the 3-state signal. In the MUX CIP, one of six lines is connected to a line to form the net. In this case, the ts0 signal can be driven by either of the two PXLs, PX1[0], PX1[1], XSW[0], or the LLDRV lines. Detail B shows the four MUX CIPs used to drive the P1 output. The source line for OUT1 is either XSW[1], PX1[1], PX1[3], or PX2[2]. 5-2843.BL(F).2C.r3 Figure 27. PIC Detail DT DT DT DT PA PB PC PD PXL[1] PXL[0] PX2[2] PX2[3] PX2[0] PX2[1] PX1[0] PX1[1] PX1[2] PX1[3] PXH[1] PXH[2] PXH[3] PXH[0] PXL[1] PXL[0] PX2[2] PX2[3] PX2[0] PX2[1] PX1[0] PX1[1] PX1[2] PX1[3] PXH[1] PXH[2] PXH[3] PXH[0] DOUT[0] DOUT[1] DOUT[2] DOUT[3] XSW[0] XSW[1] XSW[2] XSW[3] LLDRV A B |