| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR2C04A bảng dữ liệu(PDF) 106 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
OR2C04A bảng dữ liệu(HTML) 106 Page - List of Unclassifed Manufacturers |
|
106 / 192 page ![]() Data Sheet ORCA Series 2 FPGAs June 1999 106 Lucent Technologies Inc. Pin Information (continued) Table 27. OR2C/2T10A, OR2C/2T12A, OR2C/2T15A/B, OR2C/2T26A, and OR2T40A/B 352-Pin PBGA Pinout Pin 2C/2T10A Pad 2C/2T12A Pad 2C/2T15A/B Pad 2C/2T26A Pad OR2T40A/B Pad Function B1 PL1D PL1D PL1D PL1D PL1D I/O C2 PL1C PL1C PL1C PL1C PL1A I/O C1 PL1B PL1B PL1B PL1B PL2D I/O D2 PL1A PL1A PL1A PL1A PL2A I/O D3 PL2D PL2D PL2D PL2D PL3D I/O-A0 D1 PL2C PL2C PL2A PL2A PL3A I/O E2 PL2B PL2B PL3D PL3D PL4D I/O E4 — — PL3B PL3B PL4B I/O E3 PL2A PL2A PL3A PL3A PL4A I/O E1 PL3D PL3D PL4D PL4D VDD5 I/O-VDD5 F2 — PL3C PL4C PL4C PL5C I/O G4 PL3C PL3B PL4B PL4B PL5B I/O F3 — PL3A PL4A PL4A PL6D I/O F1 PL3B PL4D PL5D PL5D PL7D I/O G2 — PL4C PL5C PL5C PL7C I/O G1 — PL4B PL5B PL5B PL7B I/O G3 PL3A PL4A PL5A PL5A PL8D I/O-A1 H2 PL4D PL5D PL6D PL6D PL9D I/O J4 PL4C PL5C PL6C PL6C PL9C I/O H1 PL4B PL5B PL6B PL6B PL9B I/O H3 PL4A PL5A PL6A PL6A PL9A I/O-A2 J2 PL5D PL6D PL7D PL7D PL10D I/O J1 PL5C PL6C PL7C PL7C PL10C I/O K2 PL5B PL6B PL7B PL7B PL10B I/O J3 PL5A PL6A PL7A PL7A PL10A I/O-A3 K1 PL6D PL7D PL8D PL8D PL11D I/O K4 PL6C PL7C PL8C PL8A PL11A I/O L2 PL6B PL7B PL8B PL9D PL12D I/O K3 PL6A PL7A PL8A PL9A PL12A I/O-A4 L1 PL7D PL8D PL9D PL10D PL13D I/O-A5 M2 PL7C PL8C PL9C PL10A PL13A I/O M1 PL7B PL8B PL9B PL11D PL14D I/O L3 PL7A PL8A PL9A PL11A PL14A I/O-A6 N2 PL8D PL9D PL10D PL12D PL15D I/O M4 PL8C PL9C PL10C PL12C PL15C I/O N1 PL8B PL9B PL10B PL12B PL15B I/O M3 PL8A PL9A PL10A PL12A PL15A I/O-A7 P2 PL9D PL10D PL11D PL13D PL16D I/O Notes: The pins labeled I/O-VDD5 are user I/Os for the OR2CxxA and OR2TxxB series, but they are connected to VDD5 for the OR2TxxA series. The pins labeled VSS-ETC are the 6 x 6 array of thermal balls located at the center of the package. The balls can be attached to the ground plane of the board for enhanced thermal capability (see Table 29), or they can be left unconnected. |