| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F28M36P63C2ZWTQ bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
F28M36P63C2ZWTQ bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 202 page ![]() BUS MATRIX M3 NMI NVIC (NESTED VECTORED INTERRUPT CONTROLLER) BOOT ROM uDMA RESETS MPU / BRIDGE SECURE FLASH (ECC) FLASHUNCERR BUSFAULT BUS CNTRL/FAULT LOGIC LOCAL MEMORY FLFSM FLSINGER EXCEPTIONS FROM M3 CORE M3NMIINT M3PORRST M3HRDFLT INSTRUCTIONS D-CODE BUS M3 SYSTEM BUS AHB BUS APB BUS I-CODE BUS M3 CPU M3SYSRST UART (5:1) REQ SSI (3:0) REQ USB MAC REQ EPI REQ GPTA/B (3:0) (3:0) REQ EMACRX EMACTX REQ M3DBGRST M3WDRST (1:0) M3NMIRST M3SWRST M3NMI USAGE FAULT SVCALL DBG MONITOR PENDING SV SYS TICK PROGRAM- MABLE PRIORITY INTERRUPTS FIXED PRIORITY INTERRUPTS DMA INTRS DATA INTERRUPTS 1 2 3 APB BUS (REG ACCESS ONLY) NVIC M3NMIINT ADC INT (8:1) M3NMIINT M3 PERIPHERALS UART (1:5) IRQ SSI (0:3) IRQ I2C (1:0) IRQ CAN0/1 (1:0) (1:0) IRQ USB MAC IRQ EPI IRQ GPTA/B (3:0) (3:0) IRQ GPIO (S:A) IRQ WDT (1:0) IRQ EMAC IRQ DMA SW IRQ DMA ERR IRQ PERIPHERAL I/O s RAMUNCERR S0-S7 SHARED RAM (parity) MTOC MSG RAM (parity) CTOM MSG RAM (parity) SHARED RESOURCES CONTROL SUBSYSTEM uDMA BUS CTOM IPC (4:1) IPC REGS FREQ GASKET BUS BRIDGE C2 - C15 RAM (parity) SECURE C0/C1 RAM (ECC) RAMUNCERR RAMACCVIOL RAMSINGERR F28M36P63B2, F28M36P63C2 F28M36P53B2, F28M36P53C2, F28M36P33B2, F28M36P33C2 SPRS825 – OCTOBER 2012 www.ti.com Figure 2-1. Master Subsystem 20 Device Overview Copyright © 2012, Texas Instruments Incorporated Submit Documentation Feedback |