công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMM15S bảng dữ liệu(PDF) 44 Page - ITT Industries

tên linh kiện DAMM15S
Giải thích chi tiết về linh kiện  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15S bảng dữ liệu(HTML) 44 Page - ITT Industries

Back Button DAMM15S Datasheet HTML 40Page - ITT Industries DAMM15S Datasheet HTML 41Page - ITT Industries DAMM15S Datasheet HTML 42Page - ITT Industries DAMM15S Datasheet HTML 43Page - ITT Industries DAMM15S Datasheet HTML 44Page - ITT Industries DAMM15S Datasheet HTML 45Page - ITT Industries DAMM15S Datasheet HTML 46Page - ITT Industries DAMM15S Datasheet HTML 47Page - ITT Industries DAMM15S Datasheet HTML 48Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
C
C-44
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Contact Cavities and Assembly Instructions
A
Min.
Max.
.188 (4.78)
.208 (5.28)
A
Assembly Instructions
Wire-Stripping – Machine Contacts
1. Cut wires to length. Strip insulation per above illustration.
Check for frayed or broken wires.
2. Insert contact and wire into proper crimp tool (and locator, if
required). Crimp contact to wire. Inspect crimp.
3. Center wired contact into groove of insertion tool with
tool tip butting contact shoulder. Insert contact into cav-
ity until a positive stop is felt. Inspect insertion.
Contact Crimping
Contact Insertion
Contact Extraction
4. To be sure contact is locked securely, pull back lightly on wire.
Repeat for balance of contacts working row by row across
the insulator.
5. Place wire into extraction tool tip.
6. Insert tool tip into contact cavity until tip bottoms against
contact shoulder, releasing tines. Hold wire against tool
with finger and remove tool and contact. Repeat for bal-
ance of contacts.
Contact Arrangements
Shell Size
E
A
B
Contact Arrangement
9
15
25
Contact Size
#20
#20
#20
Face View Pin Insert
(Use a mirror image for
receptacle).
CD
37
50
#20
#20
Face View Pin Insert
(Use a mirror image for
receptacle).
Shell size
EA
B
Contact Arrangement
15
26
44
Contact Size
#22
#22
#22
CD
62
78
#22
#22
1
5
6
10
11
15
9
1
8
1
0
1
6
2
9
1
1
15
16
30
4
4
1
3
1
21
42
62
22
43
1
20
21
39
59
78
40
60
Standard Density
High Density
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com