| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADMC401BST bảng dữ liệu(PDF) 60 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMC401BST bảng dữ liệu(HTML) 60 Page - Analog Devices |
|
60 / 60 page ![]() –60– REV. B ADMC401 144-Lead Plastic Thin Quad Flatpack (LQFP) ST-144 1 36 37 73 72 108 144 109 TOP VIEW (PINS DOWN) 0.787 (20.00) BSC SQ 0.866 (22.00) BSC SQ 0.020 (0.50) BSC 0.011 (0.27) 0.009 (0.22) 0.007 (0.17) SEATING PLANE 0.063 (1.60) MAX 0.030 (0.75) 0.024 (0.60) 0.018 (0.45) 0.006 (0.15) 0.002 (0.05) 0.057 (1.45) 0.053 (1.40) 0.048 (1.35) 0.003 (0.08) MAX OUTLINE DIMENSIONS Dimensions shown in inches and (mm). Only dimensions in mm are accurate. The inch equivalents are approximations rounded to three decimal places. Only the mm values are recommended for use in PCB layout. |